Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT12N10L-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT12N10L-TN3-R
Description  12 Amps, 100 Volts N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT12N10L-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT12N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT12N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT12N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT12N10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UT12N10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-508.b
TEST CIRCUITS AND WAVEFORMS
G
RGEN
S
D
VGS
VIN
RL
VOUT
VDD
Switching Test Circuit
td(on)
VOUT
ton
tr
10%
90%
Inverted
td(off)
toff
tf
90%
10%
90%
50%
50%
10%
VIN
Pulse Width
Switching Waveforms
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UT12N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT12N10L-TN3-R UTC-UT12N10L-TN3-R Datasheet
184Kb / 3P
   N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UT12N10L-TN3-R VBSEMI-UT12N10L-TN3-R Datasheet
1,011Kb / 7P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - UT12N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
12N10P CHONGQING-12N10P Datasheet
532Kb / 7P
   12 Amps,100 Volts N-CHANNEL Power MOSFET
logo
ON Semiconductor
NTD12N10-1G ONSEMI-NTD12N10-1G Datasheet
148Kb / 8P
   Power MOSFET 12 Amps, 100 Volts
May, 2010 ??Rev. 8
logo
Unisonic Technologies
12N06 UTC-12N06 Datasheet
195Kb / 5P
   12 Amps, 60 Volts N-CHANNEL POWER MOSFET
12N50 UTC-12N50 Datasheet
171Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
UF450 UTC-UF450 Datasheet
220Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N10 UTC-7N10 Datasheet
170Kb / 6P
   7 Amps, 100 Volts N-CHANNEL POWER MOSFET
6N10Z UTC-6N10Z Datasheet
197Kb / 4P
   6.5 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
8N10P CHONGQING-8N10P Datasheet
511Kb / 7P
   8 Amps,100 Volts N-CHANNEL Power MOSFET
logo
Unisonic Technologies
UT2N10 UTC-UT2N10 Datasheet
150Kb / 3P
   2 Amps,100 Volts N-CHANNEL POWER MOSFET
UF8010 UTC-UF8010 Datasheet
215Kb / 6P
   80 Amps, 100 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com