Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT60T03-TF3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT60T03-TF3-R
Description  N-CHANNEL ENHANCEMENT MODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT60T03-TF3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT60T03-TF3-R Datasheet HTML 1Page - Unisonic Technologies UT60T03-TF3-R Datasheet HTML 2Page - Unisonic Technologies UT60T03-TF3-R Datasheet HTML 3Page - Unisonic Technologies UT60T03-TF3-R Datasheet HTML 4Page - Unisonic Technologies UT60T03-TF3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT60T03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-183.B
TYPICAL CHARACTERISTICS(Cont.)
1
0.1
0.01
0.00001
0.0001
0.001
0.01
0.1
1
D=0.5
0.2
0.1
0.02
0.05
0.01
Single Pulse
Pulse Width,t (s)
Effective Transient Thermal Impedance
Duty factor=t/T
Peak TJ=PDM×RthJA+TC
PDM
t
T
1000
100
10
1
0.1
1
10
100
Maximum Safe Operating Area
Drain-to-Source Voltage,VDS (V)
TC=25℃
Single Pulse
1ms
DC
100ms
10ms
100μs


Similar Part No. - UT60T03-TF3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT60T03G-K08-5060-R UTC-UT60T03G-K08-5060-R Datasheet
291Kb / 7P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT60T03G-TF3-R UTC-UT60T03G-TF3-R Datasheet
291Kb / 7P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT60T03G-TF3-T UTC-UT60T03G-TF3-T Datasheet
291Kb / 7P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT60T03G-TN3-R UTC-UT60T03G-TN3-R Datasheet
291Kb / 7P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT60T03G-TQ2-R UTC-UT60T03G-TQ2-R Datasheet
291Kb / 7P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results

Similar Description - UT60T03-TF3-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com