Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSA679 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LSA679
Description  LC SIDELED Low Current LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSA679 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LSA679 Datasheet HTML 1Page - Siemens Semiconductor Group LSA679 Datasheet HTML 2Page - Siemens Semiconductor Group LSA679 Datasheet HTML 3Page - Siemens Semiconductor Group LSA679 Datasheet HTML 4Page - Siemens Semiconductor Group LSA679 Datasheet HTML 5Page - Siemens Semiconductor Group LSA679 Datasheet HTML 6Page - Siemens Semiconductor Group LSA679 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
1998-11-12
LS A679, LY A679, LG A679
Durchlaßstrom
I
F = f (VF)
Forward current
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible pulse handling capability
Duty cycle
D = parameter, T
A = 25 ˚C
Relative Lichtstärke
I
V / IV(2 mA) = f (IF)
Relative luminous intensity
T
A = 25 ˚C
Maximal zulässiger Durchlaßstrom
I
F = f (TA)
Max. permissible forward current
10 -1
V
5
OHL01208
Ι
F
F
V
0
10
1
10
2
10
5
mA
1.0
1.4
1.8
2.2
2.6
3.0
3.4
yellow
green
super-red
OHL01278
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
Ι
T
T
P
F
t P
=
D= 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 0
5
Ι
F
t
1
10
2
10
3
10
5
mA
0.1
p
V
V(2mA)
10 -1
0
10
10 12
10
mA
10 -3
5
OHL01207
F
Ι
5
-2
10
5
-1
10
0
10
1
10
Ι
Ι
55
green
super-red
yellow
0
OHL01193
Ι
F
˚C
A
T
0
20
40
60
80
100
1
2
3
4
5
6
mA
8


Similar Part No. - LSA679

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSA679 OSRAM-LSA679 Datasheet
278Kb / 15P
   white SMT package, colorless clear
More results

Similar Description - LSA679

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSA672 SIEMENS-LSA672 Datasheet
172Kb / 8P
   Super SIDELED High-Current LED
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
LSS269 SIEMENS-LSS269 Datasheet
65Kb / 7P
   LC SOT-23 LED, Diffused Low Current LED
LSM779 SIEMENS-LSM779 Datasheet
421Kb / 7P
   LC Mini TOPLED RG Low Current LED
LS3369 SIEMENS-LS3369 Datasheet
126Kb / 7P
   LC 3 mm T1 LED, Diffused Low Current LED
logo
OSRAM GmbH
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
   Hyper SIDELED Hyper-Bright LED
LGA67K OSRAM-LGA67K Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
   SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
   SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
   SIDELED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com