Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT108N03 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT108N03
Description  30V, 108A N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT108N03 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT108N03 Datasheet HTML 1Page - Unisonic Technologies UT108N03 Datasheet HTML 2Page - Unisonic Technologies UT108N03 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT108N03
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-197.H
30V, 108A
N-CHANNEL
POWER MOSFET
DESCRIPTION
As advanced N-channel level power MOSFET, the UT108N03 is
produced using UTC’s advanced trench technology, which has been
specially tailored to minimize the on-resistance and maintain low
gate charge for superior switching performance.
FEATURES
* RDS(ON) = 5.3mΩ @VGS = 10 V
* Low Capacitance
* Optimized Gate Charge
* Fast Switching Capability
* Avalanche Energy Specified
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
TO-252
TO-251
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UT108N03L-TA3-T
UT108N03G-TA3-T
TO-220
G
D
S
Tube
UT108N03L-TM3-T
UT108N03G-TM3-T
TO-251
G
D
S
Tube
UT108N03L-TN3-R
UT108N03G-TN3-R
TO-252
G
D
S
Tape Reel
UT108N03L-TN3-T
UT108N03G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UT108N03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT108N03G-TA3-T UTC-UT108N03G-TA3-T Datasheet
194Kb / 4P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UT108N03G-TM3-T UTC-UT108N03G-TM3-T Datasheet
194Kb / 4P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UT108N03G-TN3-R UTC-UT108N03G-TN3-R Datasheet
194Kb / 4P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UT108N03G-TND-R UTC-UT108N03G-TND-R Datasheet
194Kb / 4P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UT108N03L-TA3-T UTC-UT108N03L-TA3-T Datasheet
194Kb / 4P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
More results

Similar Description - UT108N03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT108N03 UTC-UTT108N03 Datasheet
180Kb / 3P
   30V, 108A N-CHANNEL POWER MOSFET
logo
Advanced Analogic Techn...
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
   30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
   30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
   30V N-Channel Power MOSFET
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
   30V N-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
   30V N-Channel Power MOSFET
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
   30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
   30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
   30V N-Channel Power MOSFET
TSM180N03PQ33 TSC-TSM180N03PQ33 Datasheet
466Kb / 5P
   30V N-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com