Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT2301 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT2301
Description  2.8A, 20V P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2301 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT2301 Datasheet HTML 1Page - Unisonic Technologies UT2301 Datasheet HTML 2Page - Unisonic Technologies UT2301 Datasheet HTML 3Page - Unisonic Technologies UT2301 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT2301
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-118.G
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNITS
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current
ID
-2.8
A
Pulsed Drain Current (Note 1, 2)
IDM
-10
A
Total Power Dissipation
PD
1.14
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note 3)
θJA
110
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNITS
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250uA
-20
V
Drain-Source Leakage Current
IDSS
VDS=-16V, VGS=0V
-1
µA
Gate-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250uA
-0.45
V
Static Drain-Source On-State Resistance
(Note 2)
RDS(ON)
VGS=-4.5V, ID=-2.8A
95
130
mΩ
VGS=-2.5V, ID=-2.0A
122
190
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS=0V, VDS=-6V, f=1.0MHz
447
pF
Output Capacitance
COSS
127
pF
Reverse Transfer Capacitance
CRSS
80
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note 2)
tD(ON)
VDS=-6V, VGS=-4.5V,
ID=-1A, RG=6Ω, RL=6Ω
5
25
ns
Turn-ON Rise Time
tR
19
60
ns
Turn-OFF Delay Time
tD(OFF)
95
110
ns
Turn-OFF Fall Time
tF
65
80
ns
Total Gate Charge (Note 2)
QG
VDS=-6V, VGS=-4.5V,
ID=-2.8A
5.4
10
nC
Gate-Source Charge
QGS
0.8
nC
Gate-Drain Charge
QGD
1.1
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage (Note 2)
VSD
VGS=0V, IS=-1.6A
-0.8
-1.2
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
-1.6
A
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300µs, duty cycle ≤2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board


Similar Part No. - UT2301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT23014 ETC1-UT23014 Datasheet
32Kb / 1P
   DUAL T1/E1 TRANSFORMERS FOR INFINEON FALC IC APPLICATIONS
logo
Unisonic Technologies
UT2301G-AE2-R UTC-UT2301G-AE2-R Datasheet
233Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT2301G-AE3-R UTC-UT2301G-AE3-R Datasheet
233Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
UT2301G-AE3-R VBSEMI-UT2301G-AE3-R Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
UT2301L-AE3-R VBSEMI-UT2301L-AE3-R Datasheet
472Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - UT2301

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2301 KIA-2301 Datasheet
111Kb / 4P
   -2.8A竊?20V P-CHANNEL MOSFET
logo
AiT Semiconductor Inc.
AM1013 AITSEMI-AM1013 Datasheet
679Kb / 8P
   MOSFET 20V P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com