Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR133AL-XX-AA-C-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR133AL-XX-AA-C-K
Description  300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR133AL-XX-AA-C-K Datasheet(HTML) 1 Page - Unisonic Technologies

  UR133AL-XX-AA-C-K Datasheet HTML 1Page - Unisonic Technologies UR133AL-XX-AA-C-K Datasheet HTML 2Page - Unisonic Technologies UR133AL-XX-AA-C-K Datasheet HTML 3Page - Unisonic Technologies UR133AL-XX-AA-C-K Datasheet HTML 4Page - Unisonic Technologies UR133AL-XX-AA-C-K Datasheet HTML 5Page - Unisonic Technologies UR133AL-XX-AA-C-K Datasheet HTML 6Page - Unisonic Technologies UR133AL-XX-AA-C-K Datasheet HTML 7Page - Unisonic Technologies UR133AL-XX-AA-C-K Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR133/A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R102-005,S
300/500mA LOW DROPOUT
LINEAR VOLTAGE
REGULATORS
DESCRIPTION
The UTC UR133/A are 300/500mA fixed output voltage low
dropout linear regulators. Wide range of available output voltage fits
most
of
applications.
Built-in
output
current-limiting
most
thermal-limiting provide maximal protection against any fault
conditions.
FEATURES
*Guaranteed 300/500mA output current
*Input voltage range up to 12V
*Extremely tight load regulation
*Fast transient response
*Current-limiting and Thermal-limiting
*Three-terminal adjustable or fixed 1.5V, 1.8V, 2.2V, 2.5V, 2.7V,
2.8V, 2.9V,3.0V, 3.3V, 3.5V, 3.6V, 3.7V, 4.7V, 5.0V
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
UR1331L-xx-AA3-2-
UR1331G-xx-AA3-2-
SOT-223
A: GOI
B: OGI
C: GIO
D: IGO
R: Tape Reel
B: Tape Box
K: Bulk
UR1331L-xx-AB3-2-
UR1331G-xx-AB3-2-
SOT-89
UR1331L-xx-T92-2-
UR1331G-xx-T92-2-
TO-92
UR1331L-xx-T92-2-
UR1331G-xx-T92-2-
TO-92
Note: 1. 1: Current code: Blank: 300mA
A: 500mA
2. Pin assignment: I:VIN(Positive Power Input) O:VOUT(Output) G:GND(Ground/Adjustable)
3. xx: Output Voltage, refer to Marking Information.


Similar Part No. - UR133AL-XX-AA-C-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR133 UTC-UR133 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
UR13318 UTC-UR13318 Datasheet
165Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR13318 ETL-UR13318 Datasheet
160Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
UR13318-TN5-R UTC-UR13318-TN5-R Datasheet
165Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13318-TN5-T UTC-UR13318-TN5-T Datasheet
165Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - UR133AL-XX-AA-C-K

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Sipex Corporation
SPX2937 SIPEX-SPX2937 Datasheet
133Kb / 4P
   500mA Low Dropout Voltage Regulators
logo
Shenzhen Huazhimei Semi...
HM6234 HMSEMI-HM6234 Datasheet
2Mb / 11P
   500mA Low-Dropout Linear Voltage
logo
List of Unclassifed Man...
PJ5800 ETC-PJ5800 Datasheet
237Kb / 5P
   500mA CMOS Low Dropout Voltage Regulators
logo
SG Micro Corp
SGM2028 SGMICRO-SGM2028 Datasheet
340Kb / 12P
   500mA Ultra Low Dropout Low Power, RF Linear Regulators
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com