Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR133AL-XX-T92-D-K Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UR133AL-XX-T92-D-K
Description  300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR133AL-XX-T92-D-K Datasheet(HTML) 5 Page - Unisonic Technologies

  UR133AL-XX-T92-D-K Datasheet HTML 1Page - Unisonic Technologies UR133AL-XX-T92-D-K Datasheet HTML 2Page - Unisonic Technologies UR133AL-XX-T92-D-K Datasheet HTML 3Page - Unisonic Technologies UR133AL-XX-T92-D-K Datasheet HTML 4Page - Unisonic Technologies UR133AL-XX-T92-D-K Datasheet HTML 5Page - Unisonic Technologies UR133AL-XX-T92-D-K Datasheet HTML 6Page - Unisonic Technologies UR133AL-XX-T92-D-K Datasheet HTML 7Page - Unisonic Technologies UR133AL-XX-T92-D-K Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UR133/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R102-005,S
TYPICAL APPLICATION CIRCUIT
UTC
UR133/A
VOUT
GND
VIN
CO
10μF
CI
1μF
VIN
VOUT
+
+
APPLICATION INFORMATION
A 10μF (or larger) capacitor is recommended between VOUT and GND for stability. The part may oscillate without
the capacitor. Any type of capacitor can be used, but not Aluminum electrolytics when operating below -25℃. The
capacitance may be increased without limit.
A 1μF capacitor (or larger) should be placed between VIN to GND.
UR133/A ADJUSTABLE
UTC
UR133/A
+
+
VREF
R1
R2
10uF
1uF
VOUT
VIN
10uF
CR
CR:10uF to improve ripple rejection
VOUT=VREF(1+R2/R1)+IADJ*R2
IADJ
+
VIN
VOUT
ADJ


Similar Part No. - UR133AL-XX-T92-D-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR133 UTC-UR133 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
UR13318 UTC-UR13318 Datasheet
165Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR13318 ETL-UR13318 Datasheet
160Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
UR13318-TN5-R UTC-UR13318-TN5-R Datasheet
165Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13318-TN5-T UTC-UR13318-TN5-T Datasheet
165Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - UR133AL-XX-T92-D-K

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Sipex Corporation
SPX2937 SIPEX-SPX2937 Datasheet
133Kb / 4P
   500mA Low Dropout Voltage Regulators
logo
Shenzhen Huazhimei Semi...
HM6234 HMSEMI-HM6234 Datasheet
2Mb / 11P
   500mA Low-Dropout Linear Voltage
logo
List of Unclassifed Man...
PJ5800 ETC-PJ5800 Datasheet
237Kb / 5P
   500mA CMOS Low Dropout Voltage Regulators
logo
SG Micro Corp
SGM2028 SGMICRO-SGM2028 Datasheet
340Kb / 12P
   500mA Ultra Low Dropout Low Power, RF Linear Regulators
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com