Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT3401G-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT3401G-AE3-R
Description  P-CHANNEL ENHANCEMENT MODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3401G-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT3401G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT3401G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT3401G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT3401G-AE3-R Datasheet HTML 4Page - Unisonic Technologies UT3401G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT3401
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-109.E
TYPICAL CHARACTERISTICS(Cont.)
0.00001
Pulse Width (s)
Normalized Maximum Transient Thermal
Impedance
0.1
0.0001
0.01
10
0.1
0.001
1
10
100
1000
1
0.01
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=90°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01,
single pulse
PD
T
Ton


Similar Part No. - UT3401G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3401G-AE3-R UTC-UT3401G-AE3-R Datasheet
300Kb / 5P
   P-CHANNEL ENHANCEMENT MOSFET
logo
VBsemi Electronics Co.,...
UT3401G-AE3-R VBSEMI-UT3401G-AE3-R Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - UT3401G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
   P-Channel Enhancement-Mode P-Channel Enhancement-Mode
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
logo
Unisonic Technologies
UT3401Z UTC-UT3401Z Datasheet
307Kb / 5P
   P-CHANNEL ENHANCEMENT MODE
UT4411 UTC-UT4411 Datasheet
267Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
   P-Channel Enhancement Mode
logo
Unisonic Technologies
UT9435 UTC-UT9435 Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com