Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSGK372-QO Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LSGK372-QO
Description  Super Multi ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSGK372-QO Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LSGK372-QO Datasheet HTML 1Page - Siemens Semiconductor Group LSGK372-QO Datasheet HTML 2Page - Siemens Semiconductor Group LSGK372-QO Datasheet HTML 3Page - Siemens Semiconductor Group LSGK372-QO Datasheet HTML 4Page - Siemens Semiconductor Group LSGK372-QO Datasheet HTML 5Page - Siemens Semiconductor Group LSGK372-QO Datasheet HTML 6Page - Siemens Semiconductor Group LSGK372-QO Datasheet HTML 7Page - Siemens Semiconductor Group LSGK372-QO Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
SG
P
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F = 20 mA
λ
peak
635
565
557
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 20 mA
λ
dom
628
570
560
nm
Spektrale Bandbreite bei 50 %
Φ
rel max
(typ.)
Spectral bandwidth at 50 %
Φ
rel max
(typ.)
I
F = 20 mA
∆λ
45
25
22
nm
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 50 mA
V
F
V
F
2.0
3.8
2.6
3.8
2.6
3.8
V
V
Kapazität 1)
(typ.)
Capacitance 1)
V
R = 0 V, f = 1 MHz
C
0
55
55
80
pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %
(typ.)
I
V from 90 % to 10 %
(typ.)
I
F = 100 mA, tp = 10 µs, RL = 50 Ω
t
r
t
f
300
150
450
200
450
200
ns
ns
1)
Die Gesamtkapazität ergibt sich aus der Summe der Einzelkapazitäten.
1)
The total capacitance results from the sum of the single capacitances.
LSG K372, LSP K372


Similar Part No. - LSGK372-QO

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSGK370-LP SIEMENS-LSGK370-LP Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSGK370-N SIEMENS-LSGK370-N Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSGK370-NR SIEMENS-LSGK370-NR Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSGK370-P SIEMENS-LSGK370-P Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
More results

Similar Description - LSGK372-QO

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSK382 SIEMENS-LSK382 Datasheet
471Kb / 8P
   Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
   LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com