Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q2630 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q62703-Q2630
Description  3 mm T1 3/4 LED, Diffused Wide-Angle LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q2630 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q62703-Q2630 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q2630 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q2630 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q2630 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q2630 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q2630 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q2630 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
1998-07-13
Durchlaßstrom
I
F = f (VF)
Forward current
T
A = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tP)
Permissible pulse handling capability
Duty cycle D = parameter,
T
A = 25 °C
Relative Lichtstärke
I
V/IV(10 mA) = f (IF)
Relative luminous intensity
T
A = 25 °C
Maximal zulässiger Durchlaßstrom
Max. permissible forward current
I
F = f (TA)
10 -1
V
5
OHL01263
Ι
F
F
V
0
10
1
10
2
10
5
mA
1.0
1.4
1.8
2.2
2.6
3.0
3.4
V
V(10mA)
10 -1
0
10
10 12
10
mA
10 -3
5
OHL01632
F
Ι
5
-2
10
5
-1
10
0
10
1
10
Ι
Ι
55
green
super-red
yellow
LS 3380, LY 3380, LG 3380


Similar Part No. - Q62703-Q2630

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q2632 SIEMENS-Q62703-Q2632 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
logo
Infineon Technologies A...
Q62703-Q2632 INFINEON-Q62703-Q2632 Datasheet
75Kb / 9P
   5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
logo
Siemens Semiconductor G...
Q62703-Q2633 SIEMENS-Q62703-Q2633 Datasheet
471Kb / 8P
   Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
Q62703-Q2634 SIEMENS-Q62703-Q2634 Datasheet
471Kb / 8P
   Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
Q62703-Q2635 SIEMENS-Q62703-Q2635 Datasheet
471Kb / 8P
   Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
More results

Similar Description - Q62703-Q2630

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com