Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSGT677 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LSGT677
Description  Multi TOPLED Cathodes On One Side
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSGT677 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LSGT677 Datasheet HTML 1Page - Siemens Semiconductor Group LSGT677 Datasheet HTML 2Page - Siemens Semiconductor Group LSGT677 Datasheet HTML 3Page - Siemens Semiconductor Group LSGT677 Datasheet HTML 4Page - Siemens Semiconductor Group LSGT677 Datasheet HTML 5Page - Siemens Semiconductor Group LSGT677 Datasheet HTML 6Page - Siemens Semiconductor Group LSGT677 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
LSG T677
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
30
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
A
Sperrspannung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
P
tot
100
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
Montage auf PC-Board*) (Padgröße
≥ 16 mm2)
mounted on PC board*) (pad size
≥ 16 mm 2)
R
th JA
1)
R
th JA
2)
480
650
K/W
K/W
*) PC-board: FR4
1)
nur ein Chip betrieben
1)
one system on
2)
beide Chips betrieben
2)
both systems on simultaneously
Notes
Die angegebenen Grenzdaten gelten für einen Chip.
The stated maximum ratings refer to one chip.


Similar Part No. - LSGT677

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSGT677 OSRAM-LSGT677 Datasheet
392Kb / 15P
   white SMT package, colorless clear resin
More results

Similar Description - LSGT677

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
LSGT670 OSRAM-LSGT670 Datasheet
84Kb / 9P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
   Multi TOPLED
logo
OSRAM GmbH
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
SFH331 OSRAM-SFH331_01 Datasheet
131Kb / 8P
   SMT Multi TOPLED
logo
Siemens Semiconductor G...
SFH331 SIEMENS-SFH331 Datasheet
54Kb / 7P
   SMT Multi TOPLED
logo
PHOENIX CONTACT
2907347 PHOENIX-2907347 Datasheet
149Kb / 9P
   Housing cover, for connection on one side
2764920 PHOENIX-2764920 Datasheet
151Kb / 9P
   Housing cover, for connection on one side
2907046 PHOENIX-2907046 Datasheet
136Kb / 8P
   Housing cover, for connection on one side
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com