Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSGT770 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # LSGT770
Description  Multi TOPLEDRG
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSGT770 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  LSGT770 Datasheet HTML 1Page - Siemens Semiconductor Group LSGT770 Datasheet HTML 2Page - Siemens Semiconductor Group LSGT770 Datasheet HTML 3Page - Siemens Semiconductor Group LSGT770 Datasheet HTML 4Page - Siemens Semiconductor Group LSGT770 Datasheet HTML 5Page - Siemens Semiconductor Group LSGT770 Datasheet HTML 6Page - Siemens Semiconductor Group LSGT770 Datasheet HTML 7Page - Siemens Semiconductor Group LSGT770 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
LSG T770
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
30
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
A
Sperrspannung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
P
tot
100
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
Montage auf PC-Board*) (Padgröße
≥ 16 mm2)
mounted on PC board*) (pad size
≥ 16 mm 2)
R
th JA
1)
R
th JA
2)
480
650
K/W
K/W
*) PC-board: FR4
1)
nur ein Chip betrieben
1)
one system only
2)
beide Chips betrieben
2)
both systems on simultaneously
Notes
Die angegebenen Grenzdaten gelten für einen Chip.
The stated maximum ratings refer to one chip.


Similar Part No. - LSGT770

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
   coupling into light guides
LSGT77K-JL-1+HK-1 OSRAM-LSGT77K-JL-1+HK-1 Datasheet
365Kb / 16P
   coupling into light guides
LSGT77K-JL-1-HK-1 OSRAM-LSGT77K-JL-1-HK-1 Datasheet
365Kb / 16P
   optical indicators
More results

Similar Description - LSGT770

ManufacturerPart #DatasheetDescription
logo
C&K Components
7105L40YZBE CK-COMPONENTS-7105L40YZBE Datasheet
1Mb / 14P
   Multi-pole and multi-position
7101TCQE CK-COMPONENTS-7101TCQE Datasheet
1Mb / 14P
   Multi-pole and multi-position
A20505MNZQE CK-COMPONENTS-A20505MNZQE Datasheet
290Kb / 5P
   Multi-pole and multi-position
7105T1ZQE CK-COMPONENTS-7105T1ZQE Datasheet
1Mb / 14P
   Multi-pole and multi-position
A10403RNCQ CK-COMPONENTS-A10403RNCQ Datasheet
299Kb / 5P
   Multi-pole and multi-position
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Skyworks Solutions Inc.
SKY77441 SKYWORKS-SKY77441 Datasheet
67Kb / 2P
   Multi-Mode / Multi-Band PA Module
logo
Semtech Corporation
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
   Multi-Protocol Multi-Channel Communications Controller
logo
Siemens Semiconductor G...
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
   Multi TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com