Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT7401 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT7401
Description  1.2A, 30V P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7401 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT7401 Datasheet HTML 1Page - Unisonic Technologies UT7401 Datasheet HTML 2Page - Unisonic Technologies UT7401 Datasheet HTML 3Page - Unisonic Technologies UT7401 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT7401
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-122.E
ABSOLUTE MAXIMUM RATINGS (Ta = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 2)
TA=25°C
ID
-1.2
A
TA=70°C
-1.0
A
Pulsed Drain Current (Note 3)
IDM
-10
A
Power Dissipation (Note 2)
TA=25°C
PD
350
mW
TA=70°C
220
mW
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Note:1.
2.
3.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
Pulse width ≤300us, duty cycle ≤2%.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 2)
θJA
425
°С/W
ELECTRICAL CHARACTERISTICS (TJ=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNITS
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250uA
-30
V
Drain-Source Leakage Current
IDSS
VDS=-24V, VGS=0V
-1
uA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±12V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250uA
-0.6
-1
-1.4
V
Drain-Source On-State Resistance (Note 1)
RDS(ON)
VGS=-10V, ID=-1.2A
122
150
mΩ
VGS=-4.5V, ID=-1.2A
147
200
mΩ
VGS=-2.5V, ID=-1.0A
207
280
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS=0V, VDS=-15V,
f=1MHz
409
pF
Output Capacitance
COSS
55
pF
Reverse Transfer Capacitance
CRSS
42
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note 1)
tD(ON)
VDS=-15V, VGS=-10V,
RG=3Ω, RL=15Ω
6.2
ns
Turn-ON Rise Time
tR
3.2
ns
Turn-OFF Delay Time
tD(OFF)
41.2
ns
Turn-OFF Fall Time
tF
14.5
ns
Total Gate Charge (Note 1)
QG
VDS=-15V, VGS=-4.5V,
ID=-1A
5.06
nC
Gate-Source Charge
QGS
0.72
nC
Gate-Drain Charge
QGD
1.58
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
VGS=0V, IS=-1A
-0.85
-1
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
-0.5
A
Notes: 1. Pulse width ≤300us, duty cycle ≤2%.
2. Surface mounted on 1 in
2 copper pad of FR4 board


Similar Part No. - UT7401

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT7401G-AE2-R UTC-UT7401G-AE2-R Datasheet
277Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT7401G-AE3-R UTC-UT7401G-AE3-R Datasheet
277Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
UT7401G-AE3-R VBSEMI-UT7401G-AE3-R Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Unisonic Technologies
UT7401G-AL3-R UTC-UT7401G-AL3-R Datasheet
277Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
UT7401L-AE3-R VBSEMI-UT7401L-AE3-R Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - UT7401

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com