Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT13243 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT13243
Description  3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT13243 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT13243 Datasheet HTML 1Page - Unisonic Technologies UT13243 Datasheet HTML 2Page - Unisonic Technologies UT13243 Datasheet HTML 3Page - Unisonic Technologies UT13243 Datasheet HTML 4Page - Unisonic Technologies UT13243 Datasheet HTML 5Page - Unisonic Technologies UT13243 Datasheet HTML 6Page - Unisonic Technologies UT13243 Datasheet HTML 7Page - Unisonic Technologies UT13243 Datasheet HTML 8Page - Unisonic Technologies UT13243 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UT13243
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-573.D
BLOCK DIAGRAM


Similar Part No. - UT13243

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT130NHBD AEROFLEX-UT130NHBD Datasheet
75Kb / 8P
   Hardened-by-Design (HBD) Standard Cell
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
UT131 UTC-UT131 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
UT131G-5-AA3-R UTC-UT131G-5-AA3-R Datasheet
278Kb / 5P
   TRIAC LOGIC LEVEL
UT131G-5-T92-B UTC-UT131G-5-T92-B Datasheet
278Kb / 5P
   TRIAC LOGIC LEVEL
More results

Similar Description - UT13243

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3243 UTC-UT3243 Datasheet
272Kb / 9P
   3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE
UT3243 UTC-UT3243_15 Datasheet
272Kb / 9P
   MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
UT3223 UTC-UT3223 Datasheet
232Kb / 9P
   MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM207E AD-ADM207E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM208E AD-ADM208E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com