Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTD20N03 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTD20N03
Description  N-CHANNEL ENHANCEMENT MODE POWER M OSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD20N03 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTD20N03 Datasheet HTML 1Page - Unisonic Technologies UTD20N03 Datasheet HTML 2Page - Unisonic Technologies UTD20N03 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTD20N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-342.A
ABSOLUTE MAXIMUM RATINGS (TJ = 25°C, unless otherwise specified))
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (TC=25°C)
ID
30
A
Pulsed Drain Current (TC=25°C)
IDM
120
A
Single Pulsed (Note 2)
EAS
15
mJ
Avalanche Energy
Repetitive (Note 3)
EAR
6
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
6
kV/µs
Power Dissipation (TC=25°C)
PD
60
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55 ~ +175
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. ID =15 A, VDD =25 V, RGS =25 Ω
3. Repetitive Rating: Pulse width limited by TJ
4. IS =30 A, VDS =24 V, di/dt =100A/µs,TJ(MAX) = 175 °C
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
θJA
100
°C/W
Junction to Case
θJC
1.7
2.5
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =1 mA
30
V
Drain-Source Leakage Current
IDSS
VDS =30 V,VGS =0 V
0.01
1
µA
Gate-Source Leakage Current
IGSS
VGS =20 V, VDS =0 V
1
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =25µA
1.2
1.6
2
V
VGS =4.5 V, ID =15 A
22.9
31
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS =10 V, ID =15 A
15.5
20
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
530
700
pF
Output Capacitance
COSS
200
275
pF
Reverse Transfer Capacitance
CRSS
VDS =25 V, VGS =0 V, f =1MHz
60
90
pF
Gate Resistance
RG
1.3
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
6.2
9.3
ns
Turn-ON Rise Time
tR
11
17
ns
Turn-OFF Delay Time
tD(OFF)
23
34
ns
Turn-OFF Fall-Time
tF
VDD =15 V, VGS =10 V,
ID =15 A, RG =12.7 Ω
18
27
ns
Total Gate Charge
QG
VDD =15 V, ID =15 A,VGS =5V
8.4
11
nC
Gate Source Charge
QGS
2.5
3.1
nC
Gate Drain Charge
QGD
VDD =15 V, ID =15 A
6.4
9.6
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Inverse Diode Forward Voltage
VSD
IF =30 A, VGS =0 V
1.1
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
30
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
TC =25°C
120
A
Reverse Recovery Time
tRR
15
18
ns
Reverse Recovery Charge
QRR
VR =15 V,IF = IS, dI/dt =100A/µs
2
3
nC


Similar Part No. - UTD20N03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTD20N03G-TN3-R VBSEMI-UTD20N03G-TN3-R Datasheet
1,018Kb / 8P
   N-Channel 30-V (D-S) MOSFET
UTD20N03L-TM3-T VBSEMI-UTD20N03L-TM3-T Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
UTD20N03L-TN3-R VBSEMI-UTD20N03L-TN3-R Datasheet
1,018Kb / 8P
   N-Channel 30-V (D-S) MOSFET
UTD20N03L-TN3-T VBSEMI-UTD20N03L-TN3-T Datasheet
1,018Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - UTD20N03

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6605SP FS-FTK6605SP Datasheet
630Kb / 6P
   Dual N-Channel M OSFET
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com