Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT7500 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT7500
Description  HIGH DRIVER REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7500 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT7500 Datasheet HTML 1Page - Unisonic Technologies UT7500 Datasheet HTML 2Page - Unisonic Technologies UT7500 Datasheet HTML 3Page - Unisonic Technologies UT7500 Datasheet HTML 4Page - Unisonic Technologies UT7500 Datasheet HTML 5Page - Unisonic Technologies UT7500 Datasheet HTML 6Page - Unisonic Technologies UT7500 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UT7500
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-303.H
ELECTRICAL CHARACTERISTICS(Cont.)
FOR UT7500-40
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage Tolerance
VOUT
VIN =6.0V, IOUT=10mA
3.88
4
4.12
V
Input Voltage
VIN
24
V
Output Current
IOUT
VIN =6.0V
100
150
mA
Load Regulation
ΔVOUT
VIN =6.0V, 1mA≦IOUT≦70mA
60
150
mV
Line Regulation
OUT
N
I
OUT
V
ΔV
ΔV
×
5V≦VIN 1
2V, IOUT=1mA
0.2
%/V
Voltage Drop
VD
IOUT=1mA
100
mV
Current Consumption
ISS
VIN =6.0V , No load
10
20
μA
Temperature Coefficient
A
OUT
ΔT
ΔV
VIN =6.0V , IOUT=10mA
0°С<TA<70°С
±0.75
mV/°С
FOR UT7500-50
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage Tolerance
VOUT
VIN =7.0V, IOUT=10mA
4.85
5.0
5.15
V
Input Voltage
VIN
24
V
Output Current
IOUT
VIN =7.0V
100
150
mA
Load Regulation
ΔVOUT
VIN =7.0V, 1mA≦IOUT≦70mA
60
150
mV
Line Regulation
OUT
N
I
OUT
V
ΔV
ΔV
×
6V≦VIN 15
V, IOUT=1mA
0.2
%/V
Voltage Drop
VD
IOUT=1mA
100
mV
Current Consumption
ISS
VIN =7.0V , No load
10
20
μA
Temperature Coefficient
A
OUT
ΔT
ΔV
VIN =7.0V , IOUT=10mA
0°С<TA<70°С
±0.75
mV/°С


Similar Part No. - UT7500

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT7500 UTC-UT7500 Datasheet
213Kb / 7P
   HIGH DRIVER REGULATOR
UT7500 UTC-UT7500 Datasheet
213Kb / 7P
   HIGH DRIVER REGULATOR
logo
E-Tech Electronics LTD
UT7500 ETL-UT7500 Datasheet
234Kb / 7P
   HIGH DRIVER REGULATOR
logo
Unisonic Technologies
UT7500 UTC-UT7500 Datasheet
239Kb / 7P
   HIGH DRIVER REGULATOR
UT7500G-18-AB3-B-B UTC-UT7500G-18-AB3-B-B Datasheet
239Kb / 7P
   HIGH DRIVER REGULATOR
More results

Similar Description - UT7500

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX HOLTEK-HT75XX Datasheet
100Kb / 10P
   High Driver Regulator
logo
ZP Semiconductor
HT7533 ZPSEMI-HT7533 Datasheet
351Kb / 9P
   High Driver Regulator
logo
Guangdong Kexin Industr...
KA10O1XX KEXIN-KA10O1XX Datasheet
254Kb / 5P
   High Driver Regulator
logo
Unisonic Technologies
UT7500 UTC-UT7500_17 Datasheet
239Kb / 7P
   HIGH DRIVER REGULATOR
logo
ZP Semiconductor
HT7550 ZPSEMI-HT7550 Datasheet
351Kb / 9P
   High Driver Regulator
HT7580 ZPSEMI-HT7580 Datasheet
351Kb / 9P
   High Driver Regulator
logo
Unisonic Technologies
UT7500 UTC-UT7500 Datasheet
213Kb / 7P
   HIGH DRIVER REGULATOR
logo
ARTSCHIP ELECTRONICS CO...
HT75XX ARTSCHIP-HT75XX Datasheet
201Kb / 7P
   High Driver Regulator
logo
Unisonic Technologies
UT7500 UTC-UT7500_10 Datasheet
213Kb / 7P
   HIGH DRIVER REGULATOR
logo
ZP Semiconductor
HT7544 ZPSEMI-HT7544 Datasheet
351Kb / 9P
   High Driver Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com