Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC571NG-S16W-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTC571NG-S16W-T
Description  COMPANDER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC571NG-S16W-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UTC571NG-S16W-T Datasheet HTML 1Page - Unisonic Technologies UTC571NG-S16W-T Datasheet HTML 2Page - Unisonic Technologies UTC571NG-S16W-T Datasheet HTML 3Page - Unisonic Technologies UTC571NG-S16W-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC571N
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R121-021.B
ABSOLUTE MAXIMUM RATINGS(TA=25 °C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNITS
Operating Voltage
VCC
18
V
Power Dissipation
SOP-16
PD
400
mW
SOP-16(W)
625
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-20 ~ +85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-16
θJA
130
°С/W
SOP-16(W)
105
AC ELECTRICAL CHARACTERISTICS(TA=25 °C, VCC=+5V, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Supply Voltage
VCC
6
18
V
Supply Current
ICC
No signal
3.2
4.8
mA
Output Current capability
IOUT
20
Output Slew Rate
SR
0.5
V/μs
Gsin Cell Distortion
Untrimmed
0.5
2.0
%
Trimmed
0.1
Resister Tolerance
5
15
%
Internal Reference Voltage
1.7
1.85
2.0
V
Output DC Shift (Note 3)
Untrimmed
30
150
mV
Expandor Output Noise
No signal, 15Hz-20kHz (Note 1)
20
60
V
Unity Gain Level (Note 5)
1kHz
-1.5
0
+1.5
dBm
Gain Change (Note 2,4)
0.1
dB
Reference Drift (Note 4)
+2,-25 +20,-50
mV
Resistor Drift (Note 4)
+8,-0
%
Tracking Error(measured relative
to value at unity gain) Equals
[VOUT-VOUT (unity gain)]dB-V2dBm
Rectifier input,
V2=+6dBm,V1=0dB
+0.2
-1,+1.5
dB
V2=-30dBm, V1=0dB
+0.2
Channel Separation
60
dB
Note: 1. Input to V1 and V2 grounded.
2. Measured at 0dBm, 1kHz.
3. Expandor AC input change from no signal to 0dBm.
4. Relative to value at TA = 25°C.
5. 0dBm = 775mV RMS.
6. Electrical characteristics for the UTC571N only are specified over -20 to +85°C temperature range.


Similar Part No. - UTC571NG-S16W-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC571NG-S16W-T UTC-UTC571NG-S16W-T Datasheet
284Kb / 5P
   COMPANDOR
More results

Similar Description - UTC571NG-S16W-T

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA8507 SILAN-SA8507 Datasheet
202Kb / 5P
   COMPANDER
logo
Samsung semiconductor
KA8507B SAMSUNG-KA8507B Datasheet
82Kb / 6P
   COMPANDER
logo
Hangzhou Youwang Electr...
UTC31101 YOUWANG-UTC31101 Datasheet
278Kb / 8P
   Compander
2005.11.30 V1.1
UTC571M YOUWANG-UTC571M Datasheet
621Kb / 17P
   Compander
2005.12.01
logo
Hynix Semiconductor
GL6551 HYNIX-GL6551 Datasheet
71Kb / 5P
   COMPANDER
logo
Unisonic Technologies
8507 UTC-8507_15 Datasheet
222Kb / 6P
   4mA COMPANDER
logo
Mitsumi Electronics, Co...
MM1077 MITSUMI-MM1077 Datasheet
163Kb / 7P
   Compander IC
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com