Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTD484 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTD484
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD484 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTD484 Datasheet HTML 1Page - Unisonic Technologies UTD484 Datasheet HTML 2Page - Unisonic Technologies UTD484 Datasheet HTML 3Page - Unisonic Technologies UTD484 Datasheet HTML 4Page - Unisonic Technologies UTD484 Datasheet HTML 5Page - Unisonic Technologies UTD484 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UTD484
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-207.A
TYPICAL CHARACTERISTICS
0.6
1.6
1.4
1.2
1
0.8
0
25 50 75 100 125 150 175
20
16
12
8
4
0
0
5
10
15
20
25
Junction Temperature (°С)
Drain Current,ID (A)
On-Resistance vs. Junction Temperature
On-Resistance vs. Drain Current and
Gate Voltage
VGS=4.5V
VGS=10V
-50
-25
VGS=10V
ID=20A
VGS=4.5V
ID=15A
Pulse width ≤80μs,
duty cycle ≤0.5%.
Pulse width ≤80μs,
duty cycle ≤0.5%.


Similar Part No. - UTD484

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTD484G-K08-3030-R UTC-UTD484G-K08-3030-R Datasheet
331Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UTD484G-TN3-R UTC-UTD484G-TN3-R Datasheet
331Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UTD484G-TN3-T UTC-UTD484G-TN3-T Datasheet
331Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UTD484L-TN3-R UTC-UTD484L-TN3-R Datasheet
331Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UTD484L-TN3-T UTC-UTD484L-TN3-T Datasheet
331Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - UTD484

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com