Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOK382-QT Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LOK382-QT
Description  Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LOK382-QT Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LOK382-QT Datasheet HTML 1Page - Siemens Semiconductor Group LOK382-QT Datasheet HTML 2Page - Siemens Semiconductor Group LOK382-QT Datasheet HTML 3Page - Siemens Semiconductor Group LOK382-QT Datasheet HTML 4Page - Siemens Semiconductor Group LOK382-QT Datasheet HTML 5Page - Siemens Semiconductor Group LOK382-QT Datasheet HTML 6Page - Siemens Semiconductor Group LOK382-QT Datasheet HTML 7Page - Siemens Semiconductor Group LOK382-QT Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Semiconductor Group
5
LS K382, LO K382, LY K382
LG K382, LP K382
Relative spektrale Emission
Φ
rel = f (λ), TA = 25 ˚C, IF = 20 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
Φ
rel = f (ϕ)
Radiation characteristic


Similar Part No. - LOK382-QT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LOK380-LP SIEMENS-LOK380-LP Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LOK380-N SIEMENS-LOK380-N Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LOK380-NR SIEMENS-LOK380-NR Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LOK380-P SIEMENS-LOK380-P Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LOK380-Q SIEMENS-LOK380-Q Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
More results

Similar Description - LOK382-QT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSGK372 SIEMENS-LSGK372 Datasheet
492Kb / 8P
   Super Multi ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
   LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com