Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-L251-C4N1-C Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L251-C4N1-C
Description  LED lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L251-C4N1-C Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-L251-C4N1-C Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L251-C4N1-C Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L251-C4N1-C Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L251-C4N1-C Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L251-C4N1-C Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L251-C4N1-C Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L251-C4N1-C Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-L251-C4N1-C Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CL-L251-C4N1-C Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
8. Precautions (continued)
Symbol
Name
CL-L251-C4N1-C
CITIZEN ELECTRONICS CO.,LTD. JAPAN
CITILED
ambient temperature conditions or power dissipation. Thus, drive conditions should be
- Factors responsible for an increase in temperature include heat generation attributed to
Please ensure that heat generation is not in excess of the absolute maximum rating.
(Refer to 4-1 Performance)
taken into consideration, depending on ambient temperature (Ta).
(Recommended condition in a case of lead-free solder condition)
- Soldering shall be implemented using a soldering bit of 40W or less with a temperature
11. Recommended soldering condition (This product is not adaptable to reflow process)
- As this product is designed with consideration of the heat release property of module,
a heat release design is required to use this product efficiently.
8. Please be aware that this product should not come into contact with any other parts
- Please design a circuit that prevents any reverse voltage (excess current) from being
applied to this product instantaneously when the circuit is ON or OFF.
7. Lighting at a low current
When a minimum current is applied, LED dice may look different in their brightness due to
in assembled status.
DATA SHEET
- Contacts number of soldering bit should be within twice for each terminal as a correction.
A minimum current value of lighting of all dice is 40mA.
9. Drive circuit
between each package is recommended.
And when two or more LED packages are connected, the series connection
- Manual soldering
350°C or less within 3.5 seconds for one land.
- A constant current circuit is recommended as a drive circuit.
- No external force shall be applied to resin part during soldering.
* Citizen Electronics cannot guarantee if usage exceeds this recommended conditions.
Please use it after sufficient verification is carried out on your own risk if necessary.
- Regarding soldering correction, above conditions shall be used.
- Next process of soldering should be carried out after the product has returned to ambient
- For soldering correction
10. Heat generation
the individual difference of the LED element, and it is not a failed product.
Ref.CE-P1170
05/11
R1(0711)


Similar Part No. - CL-L251-C4N1-C

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L251-C4N CITIZEN-CL-L251-C4N Datasheet
348Kb / 9P
   LED lamp
More results

Similar Description - CL-L251-C4N1-C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com