Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAK376-SV Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LAK376-SV
Description  Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LAK376-SV Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LAK376-SV Datasheet HTML 1Page - Siemens Semiconductor Group LAK376-SV Datasheet HTML 2Page - Siemens Semiconductor Group LAK376-SV Datasheet HTML 3Page - Siemens Semiconductor Group LAK376-SV Datasheet HTML 4Page - Siemens Semiconductor Group LAK376-SV Datasheet HTML 5Page - Siemens Semiconductor Group LAK376-SV Datasheet HTML 6Page - Siemens Semiconductor Group LAK376-SV Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
Streuung des Lichtstromes in einer Verpackungseinheit
Φ
V max / ΦV min ≤ 2.0.
Luminous flux ratio in one packaging unit
Φ
V max / ΦV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstrom
Luminous Flux
I
F = 20 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS K376-QT
LS K376-R
LS K376-S
LS K376-T
LS K376-RU
super-red
colorless clear
63
...
500
100
...
200
160
...
320
250
...
500
100
...
800
Q62703-Q3467
Q62703-Q3468
Q62703-Q3469
Q62703-Q3470
Q62703-Q3471
LA K376-RU
LA K376-S
LA K376-T
LA K376-U
LA K376-SV
amber
colorless clear
100
...
800
160
...
320
250
...
500
400
...
800
160
... 1250
Q62703-Q3735
Q62703-Q3737
Q62703-Q3738
Q62703-Q3739
Q62703-Q3736
LO K376-RU
LO K376-S
LO K376-T
LO K376-U
LO K376-SV
orange
colorless clear
100
...
800
160
...
320
250
...
500
400
...
800
160
... 1250
Q62703-Q3472
Q62703-Q3473
Q62703-Q3474
Q62703-Q3475
Q62703-Q3476
LY K376-RU
LY K376-S
LY K376-T
LY K376-U
LY K376-SV
yellow
colorless clear
100
...
800
160
...
320
250
...
500
400
...
800
160
... 1250
Q62703-Q3477
Q62703-Q3478
Q62703-Q3479
Q62703-Q3480
Q62703-Q3481
LS K376, LA K376, LO K376, LY K376


Similar Part No. - LAK376-SV

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LAK-3130-109 CONTRINEX-LAK-3130-109 Datasheet
159Kb / 2P
   Photoelektrischer N채herungsschalter
LAK-3130-119 CONTRINEX-LAK-3130-119 Datasheet
160Kb / 2P
   Photoelektrischer N채herungsschalter
logo
Nichicon corporation
LAK2D101MEL NICHICON-LAK2D101MEL Datasheet
77Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
LAK2D102MEL NICHICON-LAK2D102MEL Datasheet
77Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
LAK2D121MEL NICHICON-LAK2D121MEL Datasheet
77Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LAK376-SV

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
logo
OSRAM GmbH
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com