Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-L253E-C7N1-C Datasheet(PDF) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L253E-C7N1-C
Description  LED lamp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L253E-C7N1-C Datasheet(HTML) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-L253E-C7N1-C Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L253E-C7N1-C Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L253E-C7N1-C Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L253E-C7N1-C Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L253E-C7N1-C Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L253E-C7N1-C Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L253E-C7N1-C Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L253E-C7N1-C Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-L253E-C7N1-C Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
6. Reliability
(1) Details of the tests
(2) Judgment Criteria of Failure for Reliability Test
(Ta=25 C)
Symbol
VF
Φv
U defines the upper limit of the specified characteristics. S defines the initial value.
CL-L251-MC4L reliability test results will be used for CL-L253E-C7N1-C.
Symbol
CITILED
Name
CL-L253E-C7N1-C
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Ta=50 C,IF=480 mA× 1000 hours(with Al-fin)
Note: Measurement shall be taken between 2 hours and 24 hours, and the test pieces should be
-40 C × 1000 hours
High Temperature Storage Test
100 C × 1000 hours
Thermal Shock Test
IF=480mA
60 C, 90 %RH for 1000 hours
Continuous Operation Test
Test Condition
DATA SHEET
Test Item
Measuring Item
Forward Voltage
-40 C × 30 minutes – 100 C × 30 minutes, 100 cycle
Judgment Criteria for Failure
Low Temperature Storage Test
Ta=25 C,IF=480 mA× 1000 hours(with Al-fin)
Moisture-proof Test
Measuring Condition
< S × 0.85
Total Luminous Flux
> U × 1.1
IF=480mA
returned to the normal ambient conditions after the completion of each test.
Ref.CE-P987 03/11


Similar Part No. - CL-L253E-C7N1-C

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L253E-MC7L1-C CITIZEN-CL-L253E-MC7L1-C Datasheet
219Kb / 10P
   LED lamp
CL-L253E-MC7L2-C CITIZEN-CL-L253E-MC7L2-C Datasheet
292Kb / 11P
   LED lamp
CL-L253E-MC7W1-C CITIZEN-CL-L253E-MC7W1-C Datasheet
209Kb / 10P
   LED lamp
More results

Similar Description - CL-L253E-C7N1-C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com