Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-L270-MU1L2-A1 Datasheet(PDF) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L270-MU1L2-A1
Description  LED lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L270-MU1L2-A1 Datasheet(HTML) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-L270-MU1L2-A1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-MU1L2-A1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-MU1L2-A1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-MU1L2-A1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-MU1L2-A1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-MU1L2-A1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-MU1L2-A1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-MU1L2-A1 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-MU1L2-A1 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7. Taping Specifications (in accordance with JIS standard)
(1) Shape and Dimensions of Reel
(Unit: mm)
(2) Dimensions of Tape
(Unit: mm)
(3) Configuration of Tape
(4) Quantity: 3000pcs/reel
CL-L270-MU1L2-A1
CITIZEN ELECTRONICS CO.,LTD. JAPAN
DATA SHEET
7 / 12
Symbol
CITILED
Name
(END)
(START)
Unloaded tape
Mounted with CITILED
more than 40mm
Leading part more than 400mm
9±0.3
11.4±1.0
21±0.8
Name.
Qty
Lot No.
13±0.5
2±0.5
Ref.CE-P1401
08/11


Similar Part No. - CL-L270-MU1L2-A1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L270-MU1L1-A1 CITIZEN-CL-L270-MU1L1-A1 Datasheet
395Kb / 12P
   LED lamp
CL-L270-MU1L1-A1-T CITIZEN-CL-L270-MU1L1-A1-T Datasheet
395Kb / 12P
   LED lamp
More results

Similar Description - CL-L270-MU1L2-A1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com