Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT25P10L-TN3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT25P10L-TN3-T
Description  25A, 100V P-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT25P10L-TN3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT25P10L-TN3-T Datasheet HTML 1Page - Unisonic Technologies UTT25P10L-TN3-T Datasheet HTML 2Page - Unisonic Technologies UTT25P10L-TN3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTT25P10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-597.b
TEST CIRCUITS AND WAVEFORMS
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UTT25P10L-TN3-T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT25P10L-TA3-T VBSEMI-UTT25P10L-TA3-T Datasheet
947Kb / 7P
   P-Channel 100 V (D-S) MOSFET
More results

Similar Description - UTT25P10L-TN3-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
IRFP9150 INTERSIL-IRFP9150 Datasheet
59Kb / 7P
   25A, 100V, 0.150 Ohm, P-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
logo
KIA Semiconductor Techn...
7610A KIA-7610A Datasheet
248Kb / 6P
   25A,100V N-CHANNEL MOSFET
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
   -100V P-Channel Power MOSFET
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Unisonic Technologies
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
   70A, 100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
   -40A, -100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
   -6.8A, -100V P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com