Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT30N08G-TN3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT30N08G-TN3-T
Description  80V, 30A N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30N08G-TN3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT30N08G-TN3-T Datasheet HTML 1Page - Unisonic Technologies UTT30N08G-TN3-T Datasheet HTML 2Page - Unisonic Technologies UTT30N08G-TN3-T Datasheet HTML 3Page - Unisonic Technologies UTT30N08G-TN3-T Datasheet HTML 4Page - Unisonic Technologies UTT30N08G-TN3-T Datasheet HTML 5Page - Unisonic Technologies UTT30N08G-TN3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UTT30N08
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-732.a
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=60V, VGS=10V, ID=30A
(Note 1, 2)
48
60
nC
Gate to Source Charge
QGS
15
nC
Gate to Drain ("Miller") Charge
QGD
20
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=15A, RG=4.7Ω
(Note 1, 2)
45
ns
Rise Time
tR
60
ns
Turn-OFF Delay Time
tD(OFF)
115
ns
Fall-Time
tF
66
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
30
A
Maximum Body-Diode Pulsed Current
ISM
120
A
Drain-Source Diode Forward Voltage
VSD
ISD=30A, VGS=0V
1.4
V
Notes: 1. Pulse Test: Pulse width≤300µs; Duty Cycle≤2%.
2. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - UTT30N08G-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30N08 UTC-UTT30N08_15 Datasheet
206Kb / 5P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UTT30N08G-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT80N08 UTC-UTT80N08 Datasheet
133Kb / 3P
   80A, 80V N-CHANNEL POWER MOSFET
UTT25N08 UTC-UTT25N08 Datasheet
159Kb / 3P
   25A, 80V N-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   80V N-Channel NexFET Power MOSFET
logo
Estek Electronics Co. L...
ET75N08 ESTEK-ET75N08 Datasheet
308Kb / 9P
   80V, 75A, N-Channel Power MOSFET
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com