Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT30P06L-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT30P06L-TA3-T
Description  60V, 30A P-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30P06L-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT30P06L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UTT30P06L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UTT30P06L-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT30P06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-622.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-60
V
Drain-Gate Voltage (RGS=1.0 MΩ)
VDGR
-60
V
Continuous
VGSS
±15
V
Gate-Source Voltage
Non−repetitive (tp≤10ms)
VGSM
±25
V
TC=25°C
ID
-30
A
Continuous
TC=100°C
ID
-19
A
Drain Current
Pulsed (tp≤10μs)
IDM
-105
A
Power Dissipation
125
W
Derate Above 25°C
PD
0.83
W/°C
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55~+175
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When surface mounted to an FR4 board using the minimum recommended pad size.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
1.2
°C/W


Similar Part No. - UTT30P06L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30P06L-TA3-T UTC-UTT30P06L-TA3-T Datasheet
245Kb / 4P
   P-CHANNEL POWER MOSFET
More results

Similar Description - UTT30P06L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30N06 UTC-UTT30N06 Datasheet
302Kb / 8P
   30A, 60V N-CHANNEL POWER MOSFET
30N06 UTC-30N06_11 Datasheet
309Kb / 8P
   60V, 30A N-CHANNEL POWER MOSFET
logo
Intersil Corporation
RFG30P06 INTERSIL-RFG30P06 Datasheet
71Kb / 8P
   30A, 60V, 0.065 Ohm, P-Channel Power MOSFETs
logo
Taiwan Semiconductor Co...
TSM7P06CP TSC-TSM7P06CP Datasheet
344Kb / 5P
   60V P-Channel Power MOSFET
logo
TECH PUBLIC Electronics...
FDN5618P TECHPUBLIC-FDN5618P Datasheet
3Mb / 5P
   60V P-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2309 TSC-TSM2309 Datasheet
327Kb / 5P
   60V P-Channel Power MOSFET
TSM7P06 TSC-TSM7P06 Datasheet
344Kb / 5P
   60V P-Channel Power MOSFET
TSM480P06 TSC-TSM480P06 Datasheet
891Kb / 9P
   60V P-Channel Power MOSFET
logo
TECH PUBLIC Electronics...
LP2309LT1G TECHPUBLIC-LP2309LT1G Datasheet
2Mb / 5P
   60V P-Channel Power MOSFET
logo
Unisonic Technologies
UTT120P06 UTC-UTT120P06 Datasheet
131Kb / 3P
   120A, 60V P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com