Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-L340-C41N-C Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L340-C41N-C
Description  LED lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L340-C41N-C Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-L340-C41N-C Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-C41N-C Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-C41N-C Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-C41N-C Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-C41N-C Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-C41N-C Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-C41N-C Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-C41N-C Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-C41N-C Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
( 2 ) Electro-optical Characteristics
( Tc=25 C )
Symbol Condition Min.
Typ.
Max.
Unit
VF IF=900mA 43.5
46.5
52.5
V
*1
Φv IF=900mA 3730
4390
-
lm
*1
Ra IF=900mA
-
67
-
-
*1
Rj-c Junction-case
-
1.0
-
C/W
(*1 Measured after driving for 20ms )
Chromaticity coordinates ( Condition : IF=900mA, Tc=25 C )
Note: The tolerance of measurement at our tester is VF+/-3%, Φv+/-10%, Chromaticity(x,y)+/-0.005
and Ra+/-1.
Symbol
Name
CL-L340-C41N-C
Parameter
Forward Voltage
DATA SHEET
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Thermal Resistance
Luminous Flux
General Color
Rendering Index
CITILED
x
y
Center
0.3473
0.3717
a
0.3572
0.3919
b
0.3397
0.3775
c
0.3387
0.3528
d
0.3536
0.3646
0.3551
0.376
N
Color rank
x-y chart-CIE1931
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.32
0.33
0.34
0.35
0.36
0.37
x
Color region
B.B. Locus
4800K
5400K
5000K
4600K
5200K
Ref.CE-P1109
05/11


Similar Part No. - CL-L340-C41N-C

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L340-MC41L1-C CITIZEN-CL-L340-MC41L1-C Datasheet
297Kb / 11P
   LED lamp
CL-L340-MC41L2-C CITIZEN-CL-L340-MC41L2-C Datasheet
299Kb / 11P
   LED lamp
CL-L340-MC41N1-C1 CITIZEN-CL-L340-MC41N1-C1 Datasheet
303Kb / 11P
   LED lamp
CL-L340-MC41W1-C CITIZEN-CL-L340-MC41W1-C Datasheet
309Kb / 11P
   LED lamp
CL-L340-MC41WW1-C CITIZEN-CL-L340-MC41WW1-C Datasheet
309Kb / 11P
   LED lamp
More results

Similar Description - CL-L340-C41N-C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com