Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-L340-MC41L1-C Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L340-MC41L1-C
Description  LED lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L340-MC41L1-C Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-L340-MC41L1-C Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-MC41L1-C Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-MC41L1-C Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-MC41L1-C Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-MC41L1-C Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-MC41L1-C Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-MC41L1-C Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-MC41L1-C Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L340-MC41L1-C Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
1. Scope of Application
These specifications are applied to the chip type LED lamp, model CL-L340-MC41L1-C.
2. Part code
C L - L 3 4 0 - M C 4 1 L 1 - C
Series
L340 : White power LED for general lighting.
Special specifications
M : General Color Rendering Index Typ. 83 Type.
Watt class
C41 : 41 watt package.
Lighting color
L1 : Compliance with ANSI C78.377-2008,
3-Step MacAdam ellipse,
Correlated Color Temperature 3000K
Symbol
CITILED
Name
CL-L340-MC41L1-C
CITIZEN ELECTRONICS CO.,LTD. JAPAN
DATA SHEET
Ref.CE-P1117
05/11


Similar Part No. - CL-L340-MC41L1-C

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L340-MC41L2-C CITIZEN-CL-L340-MC41L2-C Datasheet
299Kb / 11P
   LED lamp
More results

Similar Description - CL-L340-MC41L1-C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com