Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT40N03G-TM3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTT40N03G-TM3-T
Description  40A, 30V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT40N03G-TM3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  UTT40N03G-TM3-T Datasheet HTML 1Page - Unisonic Technologies UTT40N03G-TM3-T Datasheet HTML 2Page - Unisonic Technologies UTT40N03G-TM3-T Datasheet HTML 3Page - Unisonic Technologies UTT40N03G-TM3-T Datasheet HTML 4Page - Unisonic Technologies UTT40N03G-TM3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UTT40N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-689.B
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UTT40N03G-TM3-T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT40N03L VBSEMI-UTT40N03L Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - UTT40N03G-TM3-T

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
KNX9103A KIA-KNX9103A Datasheet
120Kb / 4P
   40A, 30V N-CHANNEL MOSFET
logo
STMicroelectronics
STB3020L STMICROELECTRONICS-STB3020L Datasheet
85Kb / 8P
   N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
STP3020L STMICROELECTRONICS-STP3020L Datasheet
83Kb / 8P
   N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
logo
Fairchild Semiconductor
FDU8878 FAIRCHILD-FDU8878_08 Datasheet
405Kb / 12P
   N-Channel PowerTrench MOSFET 30V, 40A, 15m ohm
logo
Rohm
RS1E150GN ROHM-RS1E150GN Datasheet
2Mb / 13P
   Nch 30V 40A Power MOSFET
RS1E170GN ROHM-RS1E170GN Datasheet
2Mb / 13P
   Nch 30V 40A Power MOSFET
logo
STMicroelectronics
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
   N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
   N-channel 30V - 0.018廓 - 40A - TO-220 STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com