Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-L400-MC1N1-A-T Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L400-MC1N1-A-T
Description  LED package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L400-MC1N1-A-T Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-L400-MC1N1-A-T Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1N1-A-T Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1N1-A-T Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1N1-A-T Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1N1-A-T Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1N1-A-T Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1N1-A-T Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1N1-A-T Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1N1-A-T Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9. Precautions
1. Handling precaution
(1) Avoid the application of any stress to the encupsulant.
(2) Avoid any contact by a sharp metal nail or other materials with the encupsulant.
(3) Pick and Place
Recommend condition : nozzle inner radius
φ4.4mm
Avoid direct contact to the encapsulant with the nozzle.
(4). PCB handling
Bending the circuit board with soldered LEDs may cause breakage of LEDs.
Please take care to bow, twist, and warpage of fthe PCB.
2. Lighting at low current
A minimum current value of lighting of all dice is 6mA.
When a minimal current is applied, LED dice may look different in their brightness due to
the individual difference of the LED element, and it is not a failed product.
3. Handling of static electricity
These products are sensitive to static electricity charge.
Please take measure to prevent any static electricity being produced as the wearing of a wristband
or anti-static gloves when handling this product.
All devices, equipment, and machinary must be properly grounded. It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find static-damaged LEDs by a light-on test.
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Symbol
CITILED
Name
CL-L400-MC1N1-A
DATA SHEET
9/12
encupsulant
(Hatching area)
Bad ex : narrow nozzle
NG
φ =4.4mm
Cathode mark
Ref.CE-P1585_10/11


Similar Part No. - CL-L400-MC1N1-A-T

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L400-MC1N1-B CITIZEN-CL-L400-MC1N1-B Datasheet
1Mb / 13P
   Internal Structure:Lead frame
More results

Similar Description - CL-L400-MC1N1-A-T

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L430-MC1W1-A-T CITIZEN-CL-L430-MC1W1-A-T Datasheet
404Kb / 12P
   LED package
CL-L430-MC1L2-A-T CITIZEN-CL-L430-MC1L2-A-T Datasheet
392Kb / 12P
   LED package
CL-L430-MC1WW1-A-T CITIZEN-CL-L430-MC1WW1-A-T Datasheet
407Kb / 12P
   LED package
CL-L400-MC1L2-A-T CITIZEN-CL-L400-MC1L2-A-T Datasheet
438Kb / 12P
   LED package
CL-L400-MC1WW1-A-T CITIZEN-CL-L400-MC1WW1-A-T Datasheet
437Kb / 12P
   LED package
CL-L430-MC1L1-A-T CITIZEN-CL-L430-MC1L1-A-T Datasheet
403Kb / 12P
   LED package
CL-L400-MC1W1-A-T CITIZEN-CL-L400-MC1W1-A-T Datasheet
438Kb / 12P
   LED package
CL-L430-MC1N1-A-T CITIZEN-CL-L430-MC1N1-A-T Datasheet
404Kb / 12P
   LED package
logo
Everlight Electronics C...
17-215-S3C-5UQ2R2B0E EVERLIGHT-17-215-S3C-5UQ2R2B0E_15 Datasheet
348Kb / 12P
   Chip LED package
15-21-R6C-B0Q1R2B0E EVERLIGHT-15-21-R6C-B0Q1R2B0E_15 Datasheet
426Kb / 12P
   Chip LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com