Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT60N05L-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT60N05L-TA3-T
Description  60A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT60N05L-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT60N05L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UTT60N05L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UTT60N05L-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT60N05
Preliminary
Power MOSFE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-662.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
50
V
Gate-Source Voltage
VGSS
±20
V
Continuous
ID
60
A
Drain Current
Pulsed
IDM
120
A
Single Pulsed
EAS
600
mJ
Avalanche Energy
Repetitive
EAR
150
mJ
Power Dissipation
PD
125
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
1
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
50
V
Drain-Source Leakage Current
IDSS
VDS=50V, VGS=0V
1
µA
Forward
VGS=+20V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=20A
14
18
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
2000
pF
Output Capacitance
COSS
400
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
115
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
39
60
nC
Gate to Source Charge
QGS
12
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=30V, ID=60A,
IG=3.33mA
10
nC
Turn-ON Delay Time
tD(ON)
12
30
ns
Rise Time
tR
11
30
ns
Turn-OFF Delay Time
tD(OFF)
25
50
ns
Fall-Time
tF
VDD=30V, ID=15A, RG=4.7Ω,
VGS=10V
15
30
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
60
A
Maximum Body-Diode Pulsed Current
ISM
120
A
Drain-Source Diode Forward Voltage
VSD
IS=60A, VGS=0V
1.6
V


Similar Part No. - UTT60N05L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT60N06 UTC-UTT60N06 Datasheet
366Kb / 8P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT60N06G-TA3-T UTC-UTT60N06G-TA3-T Datasheet
386Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
UTT60N06G-TN3-R UTC-UTT60N06G-TN3-R Datasheet
366Kb / 8P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT60N06G-TN3-R UTC-UTT60N06G-TN3-R Datasheet
386Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
UTT60N06G-TQ2-R UTC-UTT60N06G-TQ2-R Datasheet
386Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - UTT60N05L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT60N10 UTC-UTT60N10 Datasheet
129Kb / 3P
   60A, 100V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT36N05 UTC-UTT36N05 Datasheet
176Kb / 6P
   36A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT50N05 UTC-UTT50N05 Datasheet
135Kb / 3P
   50A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT30N05 UTC-UTT30N05 Datasheet
135Kb / 3P
   30A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
60N05 UTC-60N05 Datasheet
136Kb / 3P
   60A, 50V N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
F60N10 WXDH-F60N10 Datasheet
715Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
I60N10 WXDH-I60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
B60N10 WXDH-B60N10 Datasheet
719Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
E60N10 WXDH-E60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
713Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com