Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT60N10 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT60N10
Description  60A, 100V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT60N10 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT60N10 Datasheet HTML 1Page - Unisonic Technologies UTT60N10 Datasheet HTML 2Page - Unisonic Technologies UTT60N10 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT60N10
Preliminary
Power MOSFE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-664.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±25
V
Continuous
ID
60
A
Drain Current
Pulsed
IDM
100
A
Avalanche Energy
Single Pulsed
EAS
560
mJ
Power Dissipation
PD
100
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
1.25
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
Drain-Source Leakage Current
IDSS
VDS=100V, VGS=0V
1
µA
Forward
VGS=+25V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-25V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=30A
18
24
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
1450 1900 pF
Output Capacitance
COSS
520 680
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
120 155
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
50
65
nC
Gate to Source Charge
QGS
9.3
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=80V, ID=30A,
25
nC
Turn-ON Delay Time
tD(ON)
16.5
45
ns
Rise Time
tR
200 410
ns
Turn-OFF Delay Time
tD(OFF)
70
150
ns
Fall-Time
tF
VDD=30V, ID=1A, RG=50Ω,
VGS=10V
95
200
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
60
A
Maximum Body-Diode Pulsed Current
ISM
100
A
Drain-Source Diode Forward Voltage
VSD
IS=30A, VGS=0V
1.5
V


Similar Part No. - UTT60N10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT60N10G-TA3-T UTC-UTT60N10G-TA3-T Datasheet
215Kb / 5P
   N-CHANNEL MOSFET TRANSISTOR
UTT60N10G-TF1-T UTC-UTT60N10G-TF1-T Datasheet
215Kb / 5P
   N-CHANNEL MOSFET TRANSISTOR
UTT60N10G-TN3-R UTC-UTT60N10G-TN3-R Datasheet
215Kb / 5P
   N-CHANNEL MOSFET TRANSISTOR
UTT60N10L-TA3-T UTC-UTT60N10L-TA3-T Datasheet
215Kb / 5P
   N-CHANNEL MOSFET TRANSISTOR
UTT60N10L-TF1-T UTC-UTT60N10L-TF1-T Datasheet
215Kb / 5P
   N-CHANNEL MOSFET TRANSISTOR
More results

Similar Description - UTT60N10

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
F60N10 WXDH-F60N10 Datasheet
715Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
I60N10 WXDH-I60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
B60N10 WXDH-B60N10 Datasheet
719Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
E60N10 WXDH-E60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
713Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
logo
Renesas Technology Corp
ISL70023SEH RENESAS-ISL70023SEH Datasheet
564Kb / 13P
   100V, 60A Enhancement Mode GaN Power Transistor
May 4, 2022
logo
Unisonic Technologies
UTT60N05 UTC-UTT60N05 Datasheet
134Kb / 3P
   60A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com