Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOPP370-M Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # LOPP370-M
Description  Plane MULTILED 3 mm T1 LED, Non Diffused
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LOPP370-M Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  LOPP370-M Datasheet HTML 1Page - Siemens Semiconductor Group LOPP370-M Datasheet HTML 2Page - Siemens Semiconductor Group LOPP370-M Datasheet HTML 3Page - Siemens Semiconductor Group LOPP370-M Datasheet HTML 4Page - Siemens Semiconductor Group LOPP370-M Datasheet HTML 5Page - Siemens Semiconductor Group LOPP370-M Datasheet HTML 6Page - Siemens Semiconductor Group LOPP370-M Datasheet HTML 7Page - Siemens Semiconductor Group LOPP370-M Datasheet HTML 8Page - Siemens Semiconductor Group LOPP370-M Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
5
LSP P370, LOP P370
Durchlaßstrom
I
F = f (VF)
Forward current
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible pulse handling capability
Duty cycle D = parameter,
T
A = 25 ˚C
LS, LO
Relativer Lichtstrom
Φ
V / ΦV(15 mA) = f (IF)
Relative luminous flux
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible pulse handling capability
Duty cycle D = parameter,
T
A = 25 ˚C
LP


Similar Part No. - LOPP370-M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOP-T670 OSRAM-LOP-T670 Datasheet
563Kb / 15P
   white P-LCC-4 package, colorless clear resin
logo
Murata Manufacturing Co...
LOP15MN2N0B02 MURATA-LOP15MN2N0B02 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
logo
Siemens Semiconductor G...
LOP380-MP SIEMENS-LOP380-MP Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LOP380-N SIEMENS-LOP380-N Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LOP380-NQ SIEMENS-LOP380-NQ Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
More results

Similar Description - LOPP370-M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
   3 mm (T1) MULTILED, Non Diffused
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
   3 mm (T1) MULTILED, Diffused
LU5351 SIEMENS-LU5351 Datasheet
325Kb / 7P
   5 mm (T1 3/4) MULTILED , Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LUH371 SIEMENS-LUH371 Datasheet
331Kb / 7P
   Symbol MULTILED 5 mm T1 3/4, Partly Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com