Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1727J Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1727J
Description  ISOPLUS??264 DC Power Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1727J Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1727J Datasheet HTML 1Page - Clare, Inc. CPC1727J Datasheet HTML 2Page - Clare, Inc. CPC1727J Datasheet HTML 3Page - Clare, Inc. CPC1727J Datasheet HTML 4Page - Clare, Inc. CPC1727J Datasheet HTML 5Page - Clare, Inc. CPC1727J Datasheet HTML 6Page - Clare, Inc. CPC1727J Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PRELIMINARY
5
www.clare.com
R03
CPC1727
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
-40
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
Typical On-Resistance
vs. Temperature
(I
F=10mA, IL=1ADC)
Temperature (ºC)
-40
290
285
280
275
270
265
260
255
250
-20
0
20
40
60
80
100
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 1&2
(V
L=250VP)
Temperature (ºC)
10
μs
33
27
24
21
18
15
12
9
6
3
0
100
μs 1ms 10ms 100ms 1s
10s
100s
Time
Energy Rating Curve
Free Air, No Heatsink
30


Similar Part No. - CPC1727J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1727J CLARE-CPC1727J Datasheet
125Kb / 6P
   ISOPLUS??264 DC Power Relay
logo
IXYS Corporation
CPC1727J IXYS-CPC1727J Datasheet
197Kb / 7P
   Arc-Free With No Snubbing Circuits
CPC1727J IXYS-CPC1727J Datasheet
196Kb / 3P
   Power Relay Branding
More results

Similar Description - CPC1727J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1788 CLARE-CPC1788_10 Datasheet
926Kb / 7P
   ISOPLUS??264 DC Power Relay
CPC1709 CLARE-CPC1709 Datasheet
120Kb / 6P
   ISOPLUS??264 DC Power Relay
CPC1718 CLARE-CPC1718 Datasheet
125Kb / 6P
   ISOPLUS??264 DC Power Relay
CPC1727 CLARE-CPC1727 Datasheet
125Kb / 6P
   ISOPLUS??264 DC Power Relay
CPC1779 CLARE-CPC1779 Datasheet
132Kb / 6P
   ISOPLUS??264 DC Power Relay
CPC1788 CLARE-CPC1788 Datasheet
132Kb / 6P
   ISOPLUS??264 DC Power Relay
CPC1709 CLARE-CPC1709_10 Datasheet
899Kb / 7P
   ISOPLUS??264 DC Power Relay
CPC1718 CLARE-CPC1718_10 Datasheet
903Kb / 7P
   ISOPLUS??264 DC Power Relay
CPC1779 CLARE-CPC1779_10 Datasheet
890Kb / 7P
   ISOPLUS??264 DC Power Relay
CPC1927 CLARE-CPC1927 Datasheet
127Kb / 6P
   ISOPLUS??264 Power Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com