Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPM770-G Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LPM770-G
Description  Mini TOPLED RG
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LPM770-G Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LPM770-G Datasheet HTML 1Page - Siemens Semiconductor Group LPM770-G Datasheet HTML 2Page - Siemens Semiconductor Group LPM770-G Datasheet HTML 3Page - Siemens Semiconductor Group LPM770-G Datasheet HTML 4Page - Siemens Semiconductor Group LPM770-G Datasheet HTML 5Page - Siemens Semiconductor Group LPM770-G Datasheet HTML 6Page - Siemens Semiconductor Group LPM770-G Datasheet HTML 7Page - Siemens Semiconductor Group LPM770-G Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 10 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS M770-HK
LS M770-J
LS M770-K
LS M770-JM
super-red
colorless clear
2.5 ... 12.5
4.0 ... 8.0
6.3 ... 12.5
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3326
Q62703-Q3327
Q62703-Q3328
Q62703-Q3329
LO M770-HK
LO M770-J
LO M770-K
LO M770-JM
orange
colorless clear
2.5 ... 12.5
4.0 ... 8.0
6.3 ... 12.5
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3330
Q62703-Q3331
Q62703-Q3332
Q62703-Q3333
LY M770-HK
LY M770-J
LY M770-K
LY M770-JM
yellow
colorless clear
2.5 ... 12.5
4.0 ... 8.0
6.3 ... 12.5
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3334
Q62703-Q3336
Q62703-Q3335
Q62703-Q3337
LG M770-HK
LG M770-J
LG M770-K
LG M770-JM
green
colorless clear
2.5 ... 12.5
4.0 ... 8.0
6.3 ... 12.5
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3338
Q62703-Q3339
Q62703-Q3340
Q62703-Q3341
LP M770-FJ
LP M770-G
LP M770-H
LP M770-GK
pure green
colorless clear
1.0 ... 8.0
1.6 ... 3.2
2.5 ... 5.0
1.6 ... 12.5
-
8 (typ.)
12 (typ.)
-
Q62703-Q3342
Q62703-Q3343
Q62703-Q3344
Q62703-Q3345
LS M770, LO M770, LY M770
LG M770, LP M770


Similar Part No. - LPM770-G

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
LPM SEI-LPM Datasheet
561Kb / 8P
   Miniature SMD Power Inductor
11/21/2019
logo
Rohm
LPM-1153BMU602 ROHM-LPM-1153BMU602 Datasheet
83Kb / 2P
   Full color dot matrix unit
LPM-1153BMU702 ROHM-LPM-1153BMU702 Datasheet
83Kb / 2P
   Full color dot matrix unit
LPM-1153BMU801 ROHM-LPM-1153BMU801 Datasheet
113Kb / 2P
   Full color dot matrix unit
LPM-1153BMU813 ROHM-LPM-1153BMU813 Datasheet
134Kb / 2P
   Full color dot matrix unit
More results

Similar Description - LPM770-G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST776 OSRAM-LST776 Datasheet
434Kb / 19P
   TOPLED RG
LP-T776-L1M2-25-Z OSRAM-LP-T776-L1M2-25-Z Datasheet
429Kb / 19P
   TOPLED RG
LW-T773-P1S1-5K8L OSRAM-LW-T773-P1S1-5K8L Datasheet
453Kb / 21P
   TOPLED RG
LS-T776-Q1R2-1-Z OSRAM-LS-T776-Q1R2-1-Z Datasheet
434Kb / 19P
   TOPLED RG
LAT776 OSRAM-LAT776 Datasheet
434Kb / 19P
   TOPLED RG
LST77K OSRAM-LST77K Datasheet
457Kb / 19P
   TOPLED RG
logo
Siemens Semiconductor G...
LST770 SIEMENS-LST770 Datasheet
493Kb / 8P
   TOPLED RG
logo
OSRAM GmbH
LYT776 OSRAM-LYT776 Datasheet
435Kb / 19P
   TOPLED RG
logo
Siemens Semiconductor G...
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
LSM779 SIEMENS-LSM779 Datasheet
421Kb / 7P
   LC Mini TOPLED RG Low Current LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com