Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7557N Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC7557N
Description  Diode Bridge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7557N Datasheet(HTML) 4 Page - Clare, Inc.

  CPC7557N Datasheet HTML 1Page - Clare, Inc. CPC7557N Datasheet HTML 2Page - Clare, Inc. CPC7557N Datasheet HTML 3Page - Clare, Inc. CPC7557N Datasheet HTML 4Page - Clare, Inc. CPC7557N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
R02
www.clare.com
4
CPC7557
3
Manufacturing Information
3.1 Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. Clare classified
all of its plastic encapsulated devices for moisture sensitivity according to the latest version of the joint
industry standard, IPC/JEDEC J-STD-020, in force at the time of product evaluation. We test all of our
products to the maximum conditions set forth in the standard, and guarantee proper operation of our
devices when handled according to the limitations and information in that standard as well as to any limitations set
forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) rating as shown below, and should be handled according to
the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
3.2 ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard
JESD-625.
3.3 Reflow Profile
This product has a maximum body temperature and time rating as shown below. All other guidelines of
J-STD-020 must be observed.
3.4 Board Wash
Clare recommends the use of no-clean flux formulations. However, board washing to remove flux residue is
acceptable. The use of a short drying bake may be necessary if a wash is used after solder reflow processes.
Chlorine-based or Fluorine-based solvents or fluxes should not be used. Cleaning methods that employ ultrasonic
energy should not be used.
Device
Moisture Sensitivity Level (MSL) Rating
CPC7557N
MSL 1
Device
Maximum Temperature x Time
CPC7557N
260
C for 30 seconds
RoHS
2002/95/EC
e3
Pb


Similar Part No. - CPC7557N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7557N IXYS-CPC7557N Datasheet
150Kb / 5P
   Monolithic Construction
CPC7557NTR IXYS-CPC7557NTR Datasheet
150Kb / 5P
   Monolithic Construction
More results

Similar Description - CPC7557N

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D50JCB80V SHINDENGEN-D50JCB80V Datasheet
168Kb / 4P
   Bridge Diode
LL25XB60 SHINDENGEN-LL25XB60 Datasheet
131Kb / 2P
   Bridge Diode
D75JFT80V SHINDENGEN-D75JFT80V Datasheet
822Kb / 4P
   Bridge Diode
S1NB60 SHINDENGEN-S1NB60_17 Datasheet
304Kb / 4P
   Bridge Diode
S1WBA60 SHINDENGEN-S1WBA60_17 Datasheet
328Kb / 4P
   Bridge Diode
S1WBA60B SHINDENGEN-S1WBA60B Datasheet
328Kb / 4P
   Bridge Diode
S50VB60 SHINDENGEN-S50VB60_17 Datasheet
421Kb / 4P
   Bridge Diode
S1ZB60 SHINDENGEN-S1ZB60_17 Datasheet
361Kb / 4P
   Bridge Diode
S1NBB80 SHINDENGEN-S1NBB80 Datasheet
335Kb / 4P
   Bridge Diode
D6JBB60V SHINDENGEN-D6JBB60V Datasheet
198Kb / 4P
   Bridge Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com