Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX2127 Datasheet(PDF) 9 Page - Clare, Inc.

Part # IX2127
Description  High-Voltage Power MOSFET & IGBT Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IX2127 Datasheet(HTML) 9 Page - Clare, Inc.

Back Button IX2127_11 Datasheet HTML 4Page - Clare, Inc. IX2127_11 Datasheet HTML 5Page - Clare, Inc. IX2127_11 Datasheet HTML 6Page - Clare, Inc. IX2127_11 Datasheet HTML 7Page - Clare, Inc. IX2127_11 Datasheet HTML 8Page - Clare, Inc. IX2127_11 Datasheet HTML 9Page - Clare, Inc. IX2127_11 Datasheet HTML 10Page - Clare, Inc. IX2127_11 Datasheet HTML 11Page - Clare, Inc. IX2127_11 Datasheet HTML 12Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IX2127
R02
www.clare.com
9
Temperature (ºC)
-50
-25
0
25
50
75
100
125
-10
0
10
20
30
40
50
60
70
80
90
100
High-Level Output Voltage V
OH (VB-VHO)
vs. Temperature
V
BIAS Voltage (V)
10.0
10.5
11.0
11.5
12.0
Output Source Current vs. Voltage
(V
CC=VBS=VBIAS, VIN=5V, PW≤10μs)
0
50
100
150
200
250
300
Ref. Fig. 1: R
GATE=20Ω
V
BIAS Voltage (V)
10.0
10.5
11.0
11.5
12.0
Output Sink Current
vs. V Bias Voltage
(V
CC=VBS=VBIAS, VIN=0V, PW≤10μs)
0
100
200
300
400
500
600
Ref. Fig. 1: R
GATE=20Ω
Temperature (ºC)
-50
-25
0
25
50
75
100
125
-10
0
10
20
30
40
50
60
70
80
90
100
Low-Level Output Voltage V
OL
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
Output Source Current
vs. Temperature
(V
CC=VBS=12V, VIN=5V, PW≤10μs)
Ref. Fig. 1: R
GATE=20Ω
Temperature (ºC)
-50
-25
0
25
50
75
100
125
Output Sink Current
vs. Temperature
(V
CC=VBS=12V, VIN=0V, PW≤10μs)
Ref. Fig. 1: R
GATE=20Ω
0
100
200
300
400
500
600
Input Voltage (V)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
Start-Up Blanking Delay
vs. Input Voltage
0
100
200
300
400
500
600
700
Input Voltage (V)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
CS Shutdown Propagation Delay
vs. Input Voltage
0
50
100
150
200
250
V
CC Supply Voltage (V)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
CS to FLT Propagation Delay
vs. V
CC Supply Voltage
0
50
100
150
200
250
300
350
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
100
200
300
400
500
600
700
800
Start-Up Blanking Delay
vs. Temperature
(V
CC=VBS=12V)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
CS Shutdown Propogation Delay
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
CS to FLT Propagation Delay
vs. Temperature
(V
CC=VBS=12V)


Similar Part No. - IX2127_11

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX2127G CLARE-IX2127G Datasheet
1Mb / 11P
   High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127G IXYS-IX2127G Datasheet
291Kb / 13P
   Power MOSFET & IGBT Driver
logo
Clare, Inc.
IX2127N CLARE-IX2127N Datasheet
1Mb / 11P
   High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127N IXYS-IX2127N Datasheet
291Kb / 13P
   Power MOSFET & IGBT Driver
logo
Clare, Inc.
IX2127NTR CLARE-IX2127NTR Datasheet
1Mb / 11P
   High-Voltage Power MOSFET & IGBT Driver
More results

Similar Description - IX2127_11

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
   High-Voltage Power MOSFET & IGBT Driver
logo
International Rectifier
IR2105 IRF-IR2105 Datasheet
134Kb / 12P
   High Voltage, High Speed Power MOSFET and IGBT Driver
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
IXYS Corporation
IX2127 IXYS-IX2127 Datasheet
291Kb / 13P
   Power MOSFET & IGBT Driver
logo
Semikron International
SKHI10-17 SEMIKRON-SKHI10-17 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10_06 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10_05 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10 Datasheet
227Kb / 8P
   High Power IGBT Driver
logo
List of Unclassifed Man...
1SD210FI-FZ600R65KF1 ETC2-1SD210FI-FZ600R65KF1 Datasheet
127Kb / 6P
   SCALE High Voltage IGBT Driver
1SD210FI-FX200R65KF1 ETC2-1SD210FI-FX200R65KF1 Datasheet
128Kb / 6P
   SCALE High Voltage IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com