Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDN630MCI Datasheet(PDF) 8 Page - Clare, Inc.

Part # IXDN630MCI
Description  30-Ampere Low-Side Ultrafast MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDN630MCI Datasheet(HTML) 8 Page - Clare, Inc.

Back Button IXDN630MCI Datasheet HTML 4Page - Clare, Inc. IXDN630MCI Datasheet HTML 5Page - Clare, Inc. IXDN630MCI Datasheet HTML 6Page - Clare, Inc. IXDN630MCI Datasheet HTML 7Page - Clare, Inc. IXDN630MCI Datasheet HTML 8Page - Clare, Inc. IXDN630MCI Datasheet HTML 9Page - Clare, Inc. IXDN630MCI Datasheet HTML 10Page - Clare, Inc. IXDN630MCI Datasheet HTML 11Page - Clare, Inc. IXDN630MCI Datasheet HTML 12Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IXD_630
8
www.clare.com
R01
Load Capacitance (nF)
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=35V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
Load Capacitance (nF)
5.0
7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=18V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
Load Capacitance (pF)
5000
10000
15000
20000
25000
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=12V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
Load Capacitance (pF)
5000
10000
15000
20000
25000
1
10
100
1000
Supply Current vs. Load Capacitance
(V
CC=10V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
Frequency (kHz)
1
10
100
1000
0.01
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=35V)
C
LOAD=25nF
C
LOAD=10nF
C
LOAD=5.6nF
Frequency (kHz)
1
10
100
1000
0.01
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=18V)
C
LOAD=25nF
C
LOAD=10nF
C
LOAD=5.6nF
Frequency (kHz)
1
10
100
1000
0.01
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=12V)
C
LOAD=25nF
C
LOAD=10nF
C
LOAD=5.6nF
Frequency (kHz)
1
10
100
1000
0.01
0.1
1
10
100
1000
Supply Current vs. Frequency
(V
CC=10V)
C
LOAD=25nF
C
LOAD=10nF
C
LOAD=5.6nF
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110 130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Quiesent Supply Current
vs. Temperature
(V
CC=18V)
V
IN=3.5V
V
IN=5V
V
IN=10V
V
IN=0V & 18V
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
110 130
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Dynamic Supply Current
vs. Temperature
(V
CC=18V, VIN=0-5V, f =1kHz, CLOAD=5.6nF)
Supply Voltage (V)
10
15
20
25
30
35
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
Output Source Current
vs. Supply Voltage
(V
IN=7V, CLOAD=1μF)
Supply Voltage (V)
10
15
20
25
30
35
10
15
20
25
30
35
40
45
50
55
60
65
Output Sink Current
vs. Supply Voltage
(V
IN=7V, CLOAD=1μF)


Similar Part No. - IXDN630MCI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN630MCI IXYS-IXDN630MCI Datasheet
271Kb / 12P
   30A Peak Source/Sink Drive Current
More results

Similar Description - IXDN630MCI

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
   14-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
   14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
   9 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN514SIA IXYS-IXDN514SIA Datasheet
385Kb / 12P
   14 Ampere Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
   9-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
   2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
   2 Ampere Single Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com