Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDN602SI Datasheet(PDF) 4 Page - Clare, Inc.

Part # IXDN602SI
Description  2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDN602SI Datasheet(HTML) 4 Page - Clare, Inc.

  IXDN602SI Datasheet HTML 1Page - Clare, Inc. IXDN602SI Datasheet HTML 2Page - Clare, Inc. IXDN602SI Datasheet HTML 3Page - Clare, Inc. IXDN602SI Datasheet HTML 4Page - Clare, Inc. IXDN602SI Datasheet HTML 5Page - Clare, Inc. IXDN602SI Datasheet HTML 6Page - Clare, Inc. IXDN602SI Datasheet HTML 7Page - Clare, Inc. IXDN602SI Datasheet HTML 8Page - Clare, Inc. IXDN602SI Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IXD_602
4
www.clare.com
R02
1.5 Electrical Characteristics: TA = 25°C
Test Conditions: 4.5V < VCC < 35V, one channel (unless otherwise noted).
1.6 Electrical Characteristics: TA = - 40°C to +125°C
Test Conditions: 4.5V < VCC < 35V, one channel (unless otherwise noted).
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Input Voltage, High
4.5V < VCC < 18V
VIH
3.0
-
-
V
Input Voltage, Low
4.5V < VCC < 18V
VIL
--
0.8
Input Current
0V < VIN < VCC
IIN
--
±10
μA
Output Voltage, High
-
VOH
VCC-0.025
--
V
Output Voltage, Low
-
VOL
-
-
0.025
Output Resistance, High State
VCC=18V, IOUT=-10mA
ROH
-2.5
4
Ω
Output Resistance, Low State
VCC=18V, IOUT=10mA
ROL
-1.5
3
Output Current, Continuous
Limited by package power
dissipation
IDC
--
±1
A
Rise Time
VCC=18V, CLOAD=1000pF
tr
-7.5
15
ns
Fall Time
VCC=18V, CLOAD=1000pF
tf
-6.5
15
On-Time Propagation Delay
VCC=18V, CLOAD=1000pF
tondly
-35
60
Off-Time Propagation Delay
VCC=18V, CLOAD=1000pF
toffdly
-38
60
Power Supply Current
VCC=18V, VIN=3.5V
ICC
-1
3
mA
VCC=18V, VIN=0V
-<1
10
μA
VCC=18V, VIN=VCC
-<1
10
Parameter
Conditions
Symbol
Minimum
Maximum
Units
Input Voltage, High
4.5V < VCC < 18V
VIH
3.3
-
V
Input Voltage, Low
4.5V < VCC < 18V
VIL
-0.65
Input Current
0V < VIN < VCC
IIN
-10
10
μA
Output Voltage, High
-
VOH
VCC-0.025
-
V
Output Voltage, Low
-
VOL
-
0.025
Output Resistance, High State
VCC=18V, IOUT=-10mA
ROH
-6
Ω
Output Resistance, Low State
VCC=18V, IOUT=10mA
ROL
-5
Output Current, Continuous
Limited by package power
dissipation
IDC
-±1
A
Rise Time
VCC=18V, CLOAD=1000pF
tr
-18
ns
Fall Time
VCC=18V, CLOAD=1000pF
tf
-18
On-Time Propagation Delay
VCC=18V, CLOAD=1000pF
tondly
-75
Off-Time Propagation Delay
VCC=18V, CLOAD=1000pF
toffdly
-75
Power Supply Current
VCC=18V, VIN=3.5V
ICC
-3.5
mA
VCC=18V, VIN=0V
-150
μA
VCC=18V, VIN=VCC
-150


Similar Part No. - IXDN602SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN602SI IXYS-IXDN602SI Datasheet
308Kb / 13P
   2A Peak Source/Sink Drive Current
IXDN602SIA IXYS-IXDN602SIA Datasheet
308Kb / 13P
   2A Peak Source/Sink Drive Current
IXDN602SIATR IXYS-IXDN602SIATR Datasheet
308Kb / 13P
   2A Peak Source/Sink Drive Current
IXDN602SITR IXYS-IXDN602SITR Datasheet
308Kb / 13P
   2A Peak Source/Sink Drive Current
More results

Similar Description - IXDN602SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN502SIA IXYS-IXDN502SIA Datasheet
409Kb / 12P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
   2 Ampere Single Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
   4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IX4426 IXYS-IX4426 Datasheet
245Kb / 13P
   1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI404 IXYS-IXDI404 Datasheet
246Kb / 10P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com