Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDI609CI Datasheet(PDF) 11 Page - Clare, Inc.

Part # IXDI609CI
Description  9-Ampere Low-Side Ultrafast MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDI609CI Datasheet(HTML) 11 Page - Clare, Inc.

Back Button IXDI609CI Datasheet HTML 6Page - Clare, Inc. IXDI609CI Datasheet HTML 7Page - Clare, Inc. IXDI609CI Datasheet HTML 8Page - Clare, Inc. IXDI609CI Datasheet HTML 9Page - Clare, Inc. IXDI609CI Datasheet HTML 10Page - Clare, Inc. IXDI609CI Datasheet HTML 11Page - Clare, Inc. IXDI609CI Datasheet HTML 12Page - Clare, Inc. IXDI609CI Datasheet HTML 13Page - Clare, Inc. IXDI609CI Datasheet HTML 14Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IXD_609
R02
www.clare.com
11
5.4 Mechanical Dimensions
5.4.1 SIA (8-Pin SOIC)
5.4.2 SI (8-Pin Power SOIC with Exposed Metal Back)
Recommended PCB Land Pattern
Dimensions
mm MIN / mm MAX
(inches MIN / inches MAX)
1.30 / 1.75
(0.051 / 0.069)
0.10 / 0.25
(0.004 / 0.010)
4.80 / 5.00
(0.190 / 0.197)
PIN 1
0.31 / 0.51
(0.012 / 0.020)
5.80 / 6.20
(0.228 / 0.244)
3.80 / 4.00
(0.150 / 0.157)
1.27 BSC
(0.05 BSC)
0.40 / 1.27
(0.016 / 0.050)
0.10 / 0.25
(0.004 / 0.010)
0.25 / 0.50 x45º
(0.010 / 0.020 x45º)
0º / 8º
1.27
(0.050)
5.40
(0.213)
1.55
(0.061)
0.60
(0.024)
NOTE: Molded package conforms to JEDEC standard configuration
MS-012 variation AA.
Recommended PCB Land Pattern
Dimensions
mm MIN / mm MAX
(inches MIN / inches MAX)
NOTES:
1. Molded package conforms to JEDEC standard configuration
MS-012 variation BA.
2. The exposed metal pad on the back of the SI package should
be connected to GND. It is not suitable for carrying
current.
1.30 / 1.75
(0.051 / 0.069)
0.03 / 0.10
(0.001 / 0.004)
4.80 / 5.00
(0.190 / 0.197)
PIN 1
0.31 / 0.51
(0.012 / 0.020)
5.80 / 6.20
(0.228 / 0.244)
3.80 / 4.00
(0.150 / 0.157)
1.27 BSC
(0.05 BSC)
0.40 / 1.27
(0.016 / 0.050)
0.10 / 0.25
(0.004 / 0.010)
0.25 / 0.50 x45º
(0.010 / 0.020 x45º)
0º / 8º
2.29 / 2.79
(0.090 / 0.110)
3.30 / 3.81
(0.130 / 0.150)
1.27
(0.050)
5.40
(0.209)
1.55
(0.061)
0.60
(0.024)
2.75
(0.108)
3.80
(0.150)


Similar Part No. - IXDI609CI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI609CI IXYS-IXDI609CI Datasheet
322Kb / 14P
   9A Peak Source/Sink Drive Current
More results

Similar Description - IXDI609CI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
   9 Ampere Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
   14-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
   30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
   14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN514SIA IXYS-IXDN514SIA Datasheet
385Kb / 12P
   14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
   2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
   2 Ampere Single Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com