Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16-219A-T2D-AR2T1QY-3T Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 16-219A-T2D-AR2T1QY-3T
Description  0402 Package Chip LED (0.2mm Height)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

16-219A-T2D-AR2T1QY-3T Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 16-219A-T2D-AR2T1QY-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 16-219A-T2D-AR2T1QY-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 16-219A-T2D-AR2T1QY-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 16-219A-T2D-AR2T1QY-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 16-219A-T2D-AR2T1QY-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 16-219A-T2D-AR2T1QY-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 16-219A-T2D-AR2T1QY-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 16-219A-T2D-AR2T1QY-3T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 16-219A-T2D-AR2T1QY-3T Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
16-219A/T2D-AR2T1QY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.3
Page: 7 of 12
Device No. : DSE-0001281
Prepared date:26-Oct-2010
Prepared by: Jacky Wu
Typical Electro-Optical Characteristics Curves
Forward Current Derating Curve
Forward Current
I (mA)
F
Luminous Intensity vs.
Ambient Temperature
Spectrum Distribution
Ta=25°C
Forward Voltage
Ta=25°C
Wavelength λ (nm)
F
Forward Voltage V (V)
Forward Current
Luminous Intensity vs.
Ta=25°C
Radiation Diagram
Ta=25°C
Ambient Temperature Ta (°C)
Ambient Temperature Ta (°C)


Similar Part No. - 16-219A-T2D-AR2T1QY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
221Kb / 11P
   0402 Package Chip LED (0.2mm Height)
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
245Kb / 11P
   0402 Package Chip LED (0.2mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
16-219A-T2D-AR2T1QY-3T TO-GRACE-16-219A-T2D-AR2T1QY-3T Datasheet
761Kb / 11P
   Package in 8mm tape on 7?엀iameter reel.
More results

Similar Description - 16-219A-T2D-AR2T1QY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
221Kb / 11P
   0402 Package Chip LED (0.2mm Height)
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
245Kb / 11P
   0402 Package Chip LED (0.2mm Height)
19-219-Y5C-AM1N2VY-3T EVERLIGHT-19-219-Y5C-AM1N2VY-3T_11 Datasheet
194Kb / 10P
   0603 Package Chip LED (0.2mm Height)
19-219-Y5C-AM1N2VY-3T EVERLIGHT-19-219-Y5C-AM1N2VY-3T Datasheet
184Kb / 10P
   0603 Package Chip LED (0.2mm Height)
19-219-T7D-AV1W1E-3T EVERLIGHT-19-219-T7D-AV1W1E-3T Datasheet
196Kb / 12P
   0603 Package Chip LED (0.2mm Height)
19-219-T7D-AV1W1E-3T EVERLIGHT-19-219-T7D-AV1W1E-3T_11 Datasheet
197Kb / 12P
   0603 Package Chip LED (0.2mm Height)
19-219-T3D-AQ2R2TY-3T EVERLIGHT-19-219-T3D-AQ2R2TY-3T Datasheet
192Kb / 12P
   0603 Package Chip LED (0.2mm Height)
19-219-T3D-AQ2R2TY-3T EVERLIGHT-19-219-T3D-AQ2R2TY-3T Datasheet
269Kb / 12P
   0603 Package Chip LED (0.2mm Height)
19-219-T3D-AQ2R2TY-3T EVERLIGHT-19-219-T3D-AQ2R2TY-3T_11 Datasheet
193Kb / 12P
   0603 Package Chip LED (0.2mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-219-Y5C-AM1N2VY-3T TO-GRACE-19-219-Y5C-AM1N2VY-3T Datasheet
751Kb / 10P
   0603 Package Chip LED (0.2mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com