Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17-21-BHC-XLMJY-3T Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 17-21-BHC-XLMJY-3T
Description  0805 Package Chip LED(1.0mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

17-21-BHC-XLMJY-3T Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  17-21-BHC-XLMJY-3T_11 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T_11 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T_11 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T_11 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T_11 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T_11 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T_11 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T_11 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T_11 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
17-21/BHC-XLMJY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 5 of 10
Device No: DSE-
Prepared date:5-July-2011
Prepared by: ZhouChen
Typical Electro-Optical Characteristics Curves


Similar Part No. - 17-21-BHC-XLMJY-3T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21-BHC-XLMJY-3T EVERLIGHT-17-21-BHC-XLMJY-3T Datasheet
139Kb / 10P
   0805 Package Chip LED(1.0mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-21-BHC-XLMJY-3T TO-GRACE-17-21-BHC-XLMJY-3T Datasheet
1Mb / 10P
   0805 Package Chip LED(1.0mm Height)
More results

Similar Description - 17-21-BHC-XLMJY-3T_11

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
17-21-BHC-AN1P2-3T TO-GRACE-17-21-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0805 Package Chip LED (1.0mm Height)
17-21-G6C-AP1Q1B-3T TO-GRACE-17-21-G6C-AP1Q1B-3T Datasheet
715Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-T1D-ANPHY-3T TO-GRACE-17-21-T1D-ANPHY-3T Datasheet
1Mb / 12P
   0805 Package Chip LED(1.0mm Height)
logo
Everlight Electronics C...
17-21-Y2C-CP2Q2B-3T EVERLIGHT-17-21-Y2C-CP2Q2B-3T Datasheet
155Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-GHC-XS1T2M-3T EVERLIGHT-17-21-GHC-XS1T2M-3T_11 Datasheet
232Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-GPC-AK0M1B-3T EVERLIGHT-17-21-GPC-AK0M1B-3T Datasheet
164Kb / 10P
   0805 Package Chip LED (1.0mm Height)
17-21-S2C-AN1P2B-3T EVERLIGHT-17-21-S2C-AN1P2B-3T_11 Datasheet
219Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-T1D-ANPHY-3T EVERLIGHT-17-21-T1D-ANPHY-3T_11 Datasheet
281Kb / 12P
   0805 Package Chip LED(1.0mm Height)
17-21-Y2C-CN1P2B-3T EVERLIGHT-17-21-Y2C-CN1P2B-3T_11 Datasheet
197Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-T1D-CP2R1TY-3T EVERLIGHT-17-21-T1D-CP2R1TY-3T Datasheet
153Kb / 12P
   0805 Package Chip LED(1.0mm Height)
17-21-Y2C-CN1P2B-3T EVERLIGHT-17-21-Y2C-CN1P2B-3T Datasheet
154Kb / 10P
   0805 Package Chip LED(1.0mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com