Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17-215-B6C-YP2R2-3T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 17-215-B6C-YP2R2-3T
Description  0805 Package Chip LED(0.8mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

17-215-B6C-YP2R2-3T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  17-215-B6C-YP2R2-3T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 17-215-B6C-YP2R2-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 17-215-B6C-YP2R2-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 17-215-B6C-YP2R2-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 17-215-B6C-YP2R2-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 17-215-B6C-YP2R2-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 17-215-B6C-YP2R2-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 17-215-B6C-YP2R2-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 17-215-B6C-YP2R2-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 1 of 10
Device No. : SZDSE-175-B16
Prepared date: 15-Sep-2007
Prepared by: Zhouhua
Technical Data Sheet
0805 Package Chip LED(0.8mm Height)
17-215/B6C-YP2R2/3T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain with in RoHS compliant version
Descriptions
․The 17-215 SMD LED is much smaller than lead
frame type components, thus enable smaller board
size, higher packing density, reduced storage space
and finally smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
․Indoor signboard use.
Device Selection Guide
Part No.
Chip
Emitted Color
Resin Color
Material
17-215/B6C-YP2R2/3T
InGaN
Blue
Water Clear


Similar Part No. - 17-215-B6C-YP2R2-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-215-B6C-YP2R2-3T EVERLIGHT-17-215-B6C-YP2R2-3T Datasheet
120Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-B6C-YP2R2-3T TO-GRACE-17-215-B6C-YP2R2-3T Datasheet
869Kb / 10P
   0805 Package Chip LED(0.8mm Height)
More results

Similar Description - 17-215-B6C-YP2R2-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T_11 Datasheet
204Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-AN1P2-3T EVERLIGHT-17-215-BHC-AN1P2-3T Datasheet
165Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-B6C-YP2R2-3T TO-GRACE-17-215-B6C-YP2R2-3T Datasheet
869Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-BHC-BP2Q2M-3T TO-GRACE-17-215-BHC-BP2Q2M-3T Datasheet
876Kb / 10P
   0805 Package Chip LED(0.8mm Height)
logo
Everlight Electronics C...
17-215-BHC-BP2Q2M-3T EVERLIGHT-17-215-BHC-BP2Q2M-3T Datasheet
121Kb / 10P
   0805 Package Chip LED(0.8mm Height)
17-215-G6C-FN2P2B-3T EVERLIGHT-17-215-G6C-FN2P2B-3T Datasheet
152Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-AQ1R2B-3T EVERLIGHT-17-215-S2C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
U17-215-R6C-AQ1R2B-3T EVERLIGHT-U17-215-R6C-AQ1R2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED (0.8mm Height)
17-215-S2C-CP2R1B-3T EVERLIGHT-17-215-S2C-CP2R1B-3T Datasheet
169Kb / 10P
   0805 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-215-S2C-AQ1R2B-3T TO-GRACE-17-215-S2C-AQ1R2B-3T Datasheet
990Kb / 10P
   0805 Package Chip LED (0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com