Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63P818TQ100R Datasheet(PDF) 10 Page - Motorola, Inc

Part # MCM63P818TQ100R
Description  128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63P818TQ100R Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MCM63P818TQ100R Datasheet HTML 6Page - Motorola, Inc MCM63P818TQ100R Datasheet HTML 7Page - Motorola, Inc MCM63P818TQ100R Datasheet HTML 8Page - Motorola, Inc MCM63P818TQ100R Datasheet HTML 9Page - Motorola, Inc MCM63P818TQ100R Datasheet HTML 10Page - Motorola, Inc MCM63P818TQ100R Datasheet HTML 11Page - Motorola, Inc MCM63P818TQ100R Datasheet HTML 12Page - Motorola, Inc MCM63P818TQ100R Datasheet HTML 13Page - Motorola, Inc MCM63P818TQ100R Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MCM63P736
•MCM63P818
10
MOTOROLA FAST SRAM
WRITE TRUTH TABLE
Cycle Type
SGW
SW
SBa
SBb
SBc
(See Note 1)
SBd
(See Note 1)
Read
H
H
X
X
X
X
Read
H
L
H
H
H
H
Write Byte a
H
L
L
H
H
H
Write Byte b
H
L
H
L
H
H
Write Byte c (See Note 1)
H
L
L
H
L
H
Write Byte d (See Note 1)
H
L
H
L
H
L
Write All Bytes
H
L
L
L
L
L
Write All Bytes
L
X
X
X
X
X
NOTE:
1. Valid only for MCM63P736.
ABSOLUTE MAXIMUM RATINGS (See Note 1)
Rating
Symbol
Value
Unit
Notes
Power Supply Voltage
VDD
VSS – 0.5 to + 4.6
V
I/O Supply Voltage
VDDQ
VSS – 0.5 to VDD
V
2
Input Voltage Relative to VSS for
Any Pin Except VDD
Vin, Vout
VSS – 0.5 to
VDD + 0.5
V
2
Input Voltage (Three–State I/O)
VIT
VSS – 0.5 to
VDDQ + 0.5
V
2
Output Current (per I/O)
Iout
± 20
mA
Package Power Dissipation
PD
1.6
W
3
Ambient Temperature
TA
0 to 70
°C
Die Temperature
TJ
110
°C
3
Temperature Under Bias
Tbias
– 10 to 85
°C
Storage Temperature
Tstg
– 55 to 125
°C
NOTES:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for extended
periods of time could affect device reliability.
2. This is a steady–state DC parameter that is in effect after the power supply has
achieved its nominal operating level. Power sequencing is not necessary.
3. Power dissipation capability is dependent upon package characteristics and use
environment. See Package Thermal Characteristics.
PACKAGE THERMAL CHARACTERISTICS — PBGA
Rating
Symbol
Max
Unit
Notes
Junction to Ambient (@ 200 lfm)
Single Layer Board
Four Layer Board
R
θJA
38
22
°C/W
1, 2
Junction to Board (Bottom)
R
θJB
14
°C/W
3
Junction to Case (Top)
R
θJC
5
°C/W
4
NOTES:
1. Junction temperature is a function of on–chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, board population, and board thermal resistance.
2. Per SEMI G38–87.
3. Indicates the average thermal resistance between the die and the printed circuit board.
4. Indicates the average thermal resistance between the die and the case top surface via the cold plate method (MIL SPEC–883 Method 1012.1).
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to this high–impedance
circuit.


Similar Part No. - MCM63P818TQ100R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P819K MOTOROLA-MCM63P819K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P819KTQ133 MOTOROLA-MCM63P819KTQ133 Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P819KTQ133R MOTOROLA-MCM63P819KTQ133R Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P819KTQ150 MOTOROLA-MCM63P819KTQ150 Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P819KTQ150R MOTOROLA-MCM63P819KTQ150R Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63P818TQ100R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com