Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-213-S2C-AN1P2B-3T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 19-213-S2C-AN1P2B-3T
Description  0603 Package Chip LED (0.6mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-213-S2C-AN1P2B-3T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  19-213-S2C-AN1P2B-3T_11 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-213-S2C-AN1P2B-3T_11 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-213-S2C-AN1P2B-3T_11 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-213-S2C-AN1P2B-3T_11 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-213-S2C-AN1P2B-3T_11 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-213-S2C-AN1P2B-3T_11 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-213-S2C-AN1P2B-3T_11 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-213-S2C-AN1P2B-3T_11 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-213-S2C-AN1P2B-3T_11 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 1 of 10
Device No:
Prepared date:3-Jul-2011
Prepared by: Chen Zheng
Technical Data Sheet
0603 Package Chip LED (0.6mm Height)
19-213/S2C-AN1P2B/3T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain within RoHS complaint version
Descriptions
․The 19-213 SMD LED is much smaller than lead
frame type components, thus enable smaller board
size, higher packing density, reduced storage space
and finally smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Part No.
Chip
Emitted Color
Resin Color
Material
19-213/S2C-AN1P2B/3T
AlGaInP
Brilliant Orange
Water Clear


Similar Part No. - 19-213-S2C-AN1P2B-3T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213-S2C-AN1P2B-3T EVERLIGHT-19-213-S2C-AN1P2B-3T Datasheet
140Kb / 10P
   0603 Package Chip LED(0.6mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-S2C-AN1P2B-3T TO-GRACE-19-213-S2C-AN1P2B-3T Datasheet
876Kb / 10P
   0603 Package Chip LED (0.6mm Height)
More results

Similar Description - 19-213-S2C-AN1P2B-3T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213-G6C-AP1Q2-3T EVERLIGHT-19-213-G6C-AP1Q2-3T Datasheet
205Kb / 10P
   0603 Package Chip LED(0.6mm Height)
19-213-Y2C-AP1Q2B-3T EVERLIGHT-19-213-Y2C-AP1Q2B-3T Datasheet
159Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-Y2C-CQ1R2-3T EVERLIGHT-19-213-Y2C-CQ1R2-3T Datasheet
131Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-R6C-AP1Q2B-3T EVERLIGHT-19-213-R6C-AP1Q2B-3T Datasheet
206Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-Y2C-CP1Q2L-3T TO-GRACE-19-213-Y2C-CP1Q2L-3T Datasheet
1Mb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-Y2C-AP1Q2B-3T TO-GRACE-19-213-Y2C-AP1Q2B-3T Datasheet
902Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
Everlight Electronics C...
19-213A-T1D-CP2Q2HY-3T EVERLIGHT-19-213A-T1D-CP2Q2HY-3T Datasheet
149Kb / 12P
   0603 Package Chip LED (0.6mm Height)
19-213-S2C-AN1P2B-3T EVERLIGHT-19-213-S2C-AN1P2B-3T Datasheet
140Kb / 10P
   0603 Package Chip LED(0.6mm Height)
19-213-Y2C-CN1P2-3T EVERLIGHT-19-213-Y2C-CN1P2-3T Datasheet
156Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
TAITRON Components Inco...
TSP1-BF1608H6-L1M2Y TAITRON-TSP1-BF1608H6-L1M2Y Datasheet
385Kb / 9P
   0603 PACKAGE CHIP LED (0.6mm HEIGHT)
logo
Everlight Electronics C...
60-21-R6C-AQ1R1B-3T EVERLIGHT-60-21-R6C-AQ1R1B-3T Datasheet
152Kb / 11P
   0603 Package Chip LED (0.6mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com