Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-213-Y2C-CQ1R2-3T Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 19-213-Y2C-CQ1R2-3T
Description  0603 Package Chip LED (0.6mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-213-Y2C-CQ1R2-3T Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  19-213-Y2C-CQ1R2-3T_11 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-213-Y2C-CQ1R2-3T_11 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-213-Y2C-CQ1R2-3T_11 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-213-Y2C-CQ1R2-3T_11 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-213-Y2C-CQ1R2-3T_11 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-213-Y2C-CQ1R2-3T_11 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-213-Y2C-CQ1R2-3T_11 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-213-Y2C-CQ1R2-3T_11 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-213-Y2C-CQ1R2-3T_11 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
19-213/Y2C-CQ1R2/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 2 of 10
Device No. :
Prepared date:6-Apr-2011
Prepared by: Chen Zheng
Package Outline Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm


Similar Part No. - 19-213-Y2C-CQ1R2-3T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213-Y2C-CQ1R2-3T EVERLIGHT-19-213-Y2C-CQ1R2-3T Datasheet
131Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-Y2C-CQ1R2-3T TO-GRACE-19-213-Y2C-CQ1R2-3T Datasheet
851Kb / 10P
   0603 Package Chip LED (0.6mm Height)
More results

Similar Description - 19-213-Y2C-CQ1R2-3T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213-G6C-AP1Q2-3T EVERLIGHT-19-213-G6C-AP1Q2-3T Datasheet
205Kb / 10P
   0603 Package Chip LED(0.6mm Height)
19-213-Y2C-AP1Q2B-3T EVERLIGHT-19-213-Y2C-AP1Q2B-3T Datasheet
159Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-Y2C-CQ1R2-3T EVERLIGHT-19-213-Y2C-CQ1R2-3T Datasheet
131Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-R6C-AP1Q2B-3T EVERLIGHT-19-213-R6C-AP1Q2B-3T Datasheet
206Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-Y2C-CP1Q2L-3T TO-GRACE-19-213-Y2C-CP1Q2L-3T Datasheet
1Mb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-Y2C-AP1Q2B-3T TO-GRACE-19-213-Y2C-AP1Q2B-3T Datasheet
902Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
Everlight Electronics C...
19-213A-T1D-CP2Q2HY-3T EVERLIGHT-19-213A-T1D-CP2Q2HY-3T Datasheet
149Kb / 12P
   0603 Package Chip LED (0.6mm Height)
19-213-S2C-AN1P2B-3T EVERLIGHT-19-213-S2C-AN1P2B-3T Datasheet
140Kb / 10P
   0603 Package Chip LED(0.6mm Height)
19-213-Y2C-CN1P2-3T EVERLIGHT-19-213-Y2C-CN1P2-3T Datasheet
156Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
TAITRON Components Inco...
TSP1-BF1608H6-L1M2Y TAITRON-TSP1-BF1608H6-L1M2Y Datasheet
385Kb / 9P
   0603 PACKAGE CHIP LED (0.6mm HEIGHT)
logo
Everlight Electronics C...
60-21-R6C-AQ1R1B-3T EVERLIGHT-60-21-R6C-AQ1R1B-3T Datasheet
152Kb / 11P
   0603 Package Chip LED (0.6mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com