Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYT770-JM Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LYT770-JM
Description  TOPLED RG
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LYT770-JM Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LYT770-JM Datasheet HTML 1Page - Siemens Semiconductor Group LYT770-JM Datasheet HTML 2Page - Siemens Semiconductor Group LYT770-JM Datasheet HTML 3Page - Siemens Semiconductor Group LYT770-JM Datasheet HTML 4Page - Siemens Semiconductor Group LYT770-JM Datasheet HTML 5Page - Siemens Semiconductor Group LYT770-JM Datasheet HTML 6Page - Siemens Semiconductor Group LYT770-JM Datasheet HTML 7Page - Siemens Semiconductor Group LYT770-JM Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 10 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS T770-HK
LS T770-J
LS T770-K
LS T770-JL
super-red
colorless clear
2.5 ... 12.5
4.0 ...
8.0
6.3 ... 12.5
4.0 ... 20.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q2726
Q62703-Q2727
Q62703-Q2728
Q62703-Q2729
LO T770-HK
LO T770-J
LO T770-K
LO T770-JL
orange
colorless clear
2.5 ... 12.5
4.0 ...
8.0
6.3 ... 12.5
4.0 ... 20.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q2730
Q62703-Q2731
Q62703-Q2732
Q62703-Q2733
LY T770-HL
LY T770-J
LY T770-K
LY T770-L
LY T770-JM
yellow
colorless clear
2.5 ... 20.0
4.0 ...
8.0
6.3 ... 12.5
10.0 ... 20.0
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
45 (typ.)
-
Q62703-Q2734
Q62703-Q2736
Q62703-Q3241
Q62703-Q3906
Q62703-Q2737
LG T770-HL
LG T770-J
LG T770-K
LG T770-L
LG T770-JM
green
colorless clear
2.5 ... 20.0
4.0 ...
8.0
6.3 ... 12.5
10.0 ... 20.0
4.0 ... 32.0
-
18 (typ.)
30 (typ.)
45 (typ.)
-
Q62703-Q2738
Q62703-Q2739
Q62703-Q2740
Q62703-Q3100
Q62703-Q2741
LP T770-FJ
LP T770-G
LP T770-H
LP T770-GK
pure green
colorless clear
1.0 ...
8.0
1.6 ...
3.2
2.5 ...
5.0
1.6 ... 12.5
-
8 (typ.)
12 (typ.)
-
Q62703-Q2742
Q62703-Q2743
Q62703-Q2744
Q62703-Q2745
LS T770, LO T770, LY T770
LG T770, LP T770


Similar Part No. - LYT770-JM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYT776 OSRAM-LYT776 Datasheet
435Kb / 19P
   TOPLED RG
logo
ams AG
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
   TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
logo
Siemens Semiconductor G...
LYT776-PS SIEMENS-LYT776-PS Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
LYT776-Q SIEMENS-LYT776-Q Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LYT776-Q2T1-26 OSRAM-LYT776-Q2T1-26 Datasheet
435Kb / 19P
   TOPLED RG
More results

Similar Description - LYT770-JM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST776 OSRAM-LST776 Datasheet
434Kb / 19P
   TOPLED RG
LP-T776-L1M2-25-Z OSRAM-LP-T776-L1M2-25-Z Datasheet
429Kb / 19P
   TOPLED RG
LW-T773-P1S1-5K8L OSRAM-LW-T773-P1S1-5K8L Datasheet
453Kb / 21P
   TOPLED RG
LS-T776-Q1R2-1-Z OSRAM-LS-T776-Q1R2-1-Z Datasheet
434Kb / 19P
   TOPLED RG
LAT776 OSRAM-LAT776 Datasheet
434Kb / 19P
   TOPLED RG
LST77K OSRAM-LST77K Datasheet
457Kb / 19P
   TOPLED RG
LYT776 OSRAM-LYT776 Datasheet
435Kb / 19P
   TOPLED RG
logo
Siemens Semiconductor G...
LSM770 SIEMENS-LSM770 Datasheet
488Kb / 8P
   Mini TOPLED RG
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com