Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-219-T7D-AV1W1E-3T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 19-219-T7D-AV1W1E-3T
Description  0603 Package Chip LED (0.2mm Height)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-219-T7D-AV1W1E-3T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  19-219-T7D-AV1W1E-3T_11 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-219-T7D-AV1W1E-3T_11 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-219-T7D-AV1W1E-3T_11 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-219-T7D-AV1W1E-3T_11 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-219-T7D-AV1W1E-3T_11 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-219-T7D-AV1W1E-3T_11 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-219-T7D-AV1W1E-3T_11 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-219-T7D-AV1W1E-3T_11 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-219-T7D-AV1W1E-3T_11 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.2
Page: 1 of 12
Device No. : DSE-0005380
Prepared date: 05-Jul-2011
Prepared by: Ashley Kuo
Technical Data Sheet
0603 Package Chip LED (0.2mm Height)
19-219/T7D-AV1W1E/3T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain within RoHS
compliant version.
Descriptions
․The 19-219 SMD LED is much smaller than lead
frame type components, thus enable smaller
board size, higher packing density, reduced
storage space and finally smaller equipment to be
obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Part No.
Chip
Emitted Color
Resin Color
Material
19-219/T7D-AV1W1E/3T
InGaN
Pure White
Yellow Diffused


Similar Part No. - 19-219-T7D-AV1W1E-3T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-219-T7D-AV1W1E-3T EVERLIGHT-19-219-T7D-AV1W1E-3T Datasheet
196Kb / 12P
   0603 Package Chip LED (0.2mm Height)
More results

Similar Description - 19-219-T7D-AV1W1E-3T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-219-Y5C-AM1N2VY-3T EVERLIGHT-19-219-Y5C-AM1N2VY-3T_11 Datasheet
194Kb / 10P
   0603 Package Chip LED (0.2mm Height)
19-219-Y5C-AM1N2VY-3T EVERLIGHT-19-219-Y5C-AM1N2VY-3T Datasheet
184Kb / 10P
   0603 Package Chip LED (0.2mm Height)
19-219-T7D-AV1W1E-3T EVERLIGHT-19-219-T7D-AV1W1E-3T Datasheet
196Kb / 12P
   0603 Package Chip LED (0.2mm Height)
19-219-T3D-AQ2R2TY-3T EVERLIGHT-19-219-T3D-AQ2R2TY-3T Datasheet
192Kb / 12P
   0603 Package Chip LED (0.2mm Height)
19-219-T3D-AQ2R2TY-3T EVERLIGHT-19-219-T3D-AQ2R2TY-3T Datasheet
269Kb / 12P
   0603 Package Chip LED (0.2mm Height)
19-219-T3D-AQ2R2TY-3T EVERLIGHT-19-219-T3D-AQ2R2TY-3T_11 Datasheet
193Kb / 12P
   0603 Package Chip LED (0.2mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-219-Y5C-AM1N2VY-3T TO-GRACE-19-219-Y5C-AM1N2VY-3T Datasheet
751Kb / 10P
   0603 Package Chip LED (0.2mm Height)
logo
Everlight Electronics C...
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
221Kb / 11P
   0402 Package Chip LED (0.2mm Height)
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
245Kb / 11P
   0402 Package Chip LED (0.2mm Height)
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T_10 Datasheet
144Kb / 12P
   0402 Package Chip LED (0.2mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com