Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23-21-R8C-AN2Q1B-2T Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 23-21-R8C-AN2Q1B-2T
Description  1206 Package Chip LED ( 1.1mm Height )
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

23-21-R8C-AN2Q1B-2T Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  23-21-R8C-AN2Q1B-2T_11 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T_11 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T_11 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T_11 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T_11 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T_11 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T_11 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T_11 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T_11 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
23-21/R8C-AN2Q1B/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1 Page: 5 of 10
Device No :
Prepared date: 1Jul-2011
Prepared by: Sam Feng
Typical Electro-Optical Characteristics Curves


Similar Part No. - 23-21-R8C-AN2Q1B-2T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
23-21-R8C-AN2Q1B-2T EVERLIGHT-23-21-R8C-AN2Q1B-2T Datasheet
212Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
23-21-R8C-AN2Q1B-2T TO-GRACE-23-21-R8C-AN2Q1B-2T Datasheet
1Mb / 10P
   1206 Package Chip LED ( 1.1mm Height )
More results

Similar Description - 23-21-R8C-AN2Q1B-2T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-11-BHC-AN1P2-2T EVERLIGHT-15-11-BHC-AN1P2-2T Datasheet
163Kb / 10P
   1206 Package Chip LED (1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
23-21-R8C-AN2Q1B-2T TO-GRACE-23-21-R8C-AN2Q1B-2T Datasheet
1Mb / 10P
   1206 Package Chip LED ( 1.1mm Height )
15-21-R6C-AN1P2-2T TO-GRACE-15-21-R6C-AN1P2-2T Datasheet
738Kb / 10P
   1206 Package Chip LED(1.1mm Height)
logo
Everlight Electronics C...
15-21-R6C-AN1P2-2T EVERLIGHT-15-21-R6C-AN1P2-2T Datasheet
160Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-R6C-FQ1R1B-2T EVERLIGHT-15-21-R6C-FQ1R1B-2T Datasheet
137Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-W1D-APQHY-2T EVERLIGHT-15-21-W1D-APQHY-2T Datasheet
156Kb / 11P
   1206 Package Chip LED (1.1mm Height)
15-11-W1D-APQHY-2T EVERLIGHT-15-11-W1D-APQHY-2T Datasheet
240Kb / 12P
   1206 Package Chip LED (1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-11-W1D-APQHY-2T TO-GRACE-15-11-W1D-APQHY-2T Datasheet
886Kb / 12P
   1206 Package Chip LED (1.1mm Height)
15-21-W1D-APQHY-2T TO-GRACE-15-21-W1D-APQHY-2T Datasheet
679Kb / 11P
   1206 Package Chip LED (1.1mm Height)
logo
Everlight Electronics C...
23-21UYC-S530-A3-TR8 EVERLIGHT-23-21UYC-S530-A3-TR8 Datasheet
223Kb / 9P
   1206 Package Chip LED ( 1.1mm Height )
23-21SYGC-S530-E2-TR8 EVERLIGHT-23-21SYGC-S530-E2-TR8 Datasheet
121Kb / 9P
   1206 Package Chip LED ( 1.1mm Height )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com