Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42-21A-GHC-YX1Y2N-1T Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 42-21A-GHC-YX1Y2N-1T
Description  1.8mm round Subminiature Chip LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

42-21A-GHC-YX1Y2N-1T Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 42-21A-GHC-YX1Y2N-1T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
42-21A/GHC-YX1Y2N/1T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 10 of 10
Device No. : DSE-0005375
Prepared date: 05-Jul-2011
Prepared by: Esther Yan
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and
do soldering of each terminal. Be careful because the damage of the product is often started at the time
of the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable,
a double-head soldering iron should be used (as below figure). It should be confirmed beforehand
whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - 42-21A-GHC-YX1Y2N-1T

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
42-21A-GHC-YX1Y2N-1T A-BRIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
322Kb / 5P
   1.8mm Round Subminiature Chip LEDs
2006/10/11
logo
Everlight Electronics C...
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
168Kb / 10P
   1.8mm round Subminiature Chip LED
logo
A-BRIGHT Inc
42-21A-GHC-YX1Y2N-1T A-BRIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
327Kb / 5P
   1.8mm Round Subminiature Chip LEDs
2006/10/11
logo
HK TO-GRACE TECHNOLOGY ...
42-21A-GHC-YX1Y2N-1T TO-GRACE-42-21A-GHC-YX1Y2N-1T Datasheet
682Kb / 10P
   1.8mm round Subminiature Chip LED
logo
A-BRIGHT Inc
42-21A-GHC-YX1Y2N-1T A-BRIGHT-42-21A-GHC-YX1Y2N-1T_15 Datasheet
327Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2006/10/11
More results

Similar Description - 42-21A-GHC-YX1Y2N-1T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-AUW EVERLIGHT-BHC-AUW Datasheet
150Kb / 10P
   1.8mm round Subminiature Chip LED
42-21SYGC EVERLIGHT-42-21SYGC Datasheet
152Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21-BHC-AUW-1T TO-GRACE-42-21-BHC-AUW-1T Datasheet
799Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21-BHC-AUW-1T EVERLIGHT-42-21-BHC-AUW-1T Datasheet
158Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21A-BHC-ZV1W2N-1T TO-GRACE-42-21A-BHC-ZV1W2N-1T Datasheet
716Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21SURC-S530-A3-TR8 EVERLIGHT-42-21SURC-S530-A3-TR8 Datasheet
187Kb / 9P
   1.8mm round Subminiature Chip LED
42-21A-BHC-ZV1W2N-1T EVERLIGHT-42-21A-BHC-ZV1W2N-1T Datasheet
173Kb / 10P
   1.8mm round Subminiature Chip LED
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
168Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21A-GHC-YX1Y2N-1T TO-GRACE-42-21A-GHC-YX1Y2N-1T Datasheet
682Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21UBC EVERLIGHT-42-21UBC Datasheet
148Kb / 9P
   Chip LED with 1.8mm round Subminiature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com